Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

JS-151 Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

No. de pieza JS-151
Descripción Electrónicos  MICRO SWITCH™ HM Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-151 Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button JS-151 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-151 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-151 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-151 Datasheet HTML 7Page - Honeywell Solid State Electronics Center JS-151 Datasheet HTML 8Page - Honeywell Solid State Electronics Center JS-151 Datasheet HTML 9Page - Honeywell Solid State Electronics Center JS-151 Datasheet HTML 10Page - Honeywell Solid State Electronics Center JS-151 Datasheet HTML 11Page - Honeywell Solid State Electronics Center JS-151 Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8 sensing.honeywell.com
HM Series
JS SERIES LEVERS SPECIFICATIONS* (WHEN ASSEMBLED TO 16HM1-1)
Description
Actuator
Length
mm [in]
Operating
Force
max.
g [oz]
Release
Force min.
g [oz]
Pretravel
nom.
mm [in]
Overtravel
min.
mm [in]
Differential
Travel max.
mm [in]
Operating
Point
nom.
mm [in]
Free
Position
nom.
mm [in]
Straight leaf
8,13 [0.32]
255 [9]
57 [2]
3,56
[0.14]
0,76
[0.03]
0,76
[0.03]
8,64
[0.34]
12,2
[0.48]
Roller leaf
(mounting hardware
included)
8,13 [0.32]
255 [9]
57 [2]
3,56
[0.14]
0,76
[0.03]
0,76
[0.03]
14
[0.55]
17,5
[0.69]
Straight lever
(mounting hardware
included)
26,16
[1.03]
43 [1.5]
3 [0.11]
3,18
[0.125]
0,64
[0.025]
1,42
[0.056]
10,3
[0.406]
13,49
[0.531]
Roller lever
(mounting hardware
included)
25,4 [1.00]
radius
43 [1.5]
3 [0.11]
3,18
[0.125]
0,64
[0.025]
1,42
[0.056]
14,3
[0.562]
17,45
[0.687]
* Stainless steel actuators, including roller and mounting hardware (when provided).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12