Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1TL1-6.. Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

No. de pieza 1TL1-6..
Descripción Electrónicos  Military-Grade Toggle Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1TL1-6.. Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button 1TL1-6.. Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 9Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 sensing.honeywell.com
TL Series
TERMINAL CIRCUIT IDENTIFICATION
Terminal identifications are referred to in the order guides to indi-
cate which circuits are made in each toggle position (i.e., 1-2 refers
to circuit closure through terminals 1 and 2).
One Pole
Two Pole
Four Pole
TERMINALS
In addition to the screw terminal listings in the order guides, IWTS
(Integrated Wire Termination Systems) versions and solder turrent
terminals are available.
IWTS provides a reliable, completely serviceable unit which meets
MIL-DTL-3950 requirements. IWTS improves maintainability since
wiring bundles need not be disturbed. Leads are quickly and easily
assembled or removed with an insert-extract tool.
A unique three-rib (grommet style) elastomer seal protects the lead
connections without potting. There are no exposed metal termi-
nals.
Versions available that will accept No. 16 wire with M39029/1-102
contact pins or No. 20 wire with MS39029/1-101 contact pins.
Connections are resistant to shock, vibration, and high pull-out
force.
SPECIAL CIRCUITRIES
Catalog listings with -10, -50, and -70 suffix numbers, as shown
in the order guides, have special “on-on-on” circuits, as illustrated
below. TLs with -12 suffix are the same as -50 except the keyway
position is maintained, and the center position circuits 2-3 and 4-5
are made. -72 is the same as -50 except that the opposite keyway
position is momentary, and in the center position circuits 2-3 and
4-5 are made.
-10 CIRCUITRY
No of
poles
Keyway Side
Maint. Position
Center Maint.
Position
Opposite
Keyway Maint.
Position
2
4
-50 CIRCUITRY
No of
poles
Keyway Side
Maint. Position
Center Maint.
Position
Opposite
Keyway Maint.
Position
2
4
-70 CIRCUITRY
No of
poles
Keyway Side
Maint. Position
Center Maint.
Position
Opposite
Keyway Maint.
Position
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com