Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CD-LAB10 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

No. de pieza CD-LAB10
Descripción Electrónicos  Bourns® TVS SMC Package Diode Design Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-LAB10 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD-LAB10 Datasheet HTML 1Page - Bourns Electronic Solutions CD-LAB10 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.0SMDJ10A
5.0SMDJ10CA
5.0SMDJ11A
5.0SMDJ11CA
5.0SMDJ12A
5.0SMDJ12CA
5.0SMDJ13CA
5.0SMDJ14CA
VWM = 10 V
VWM = 10 V
VWM = 11 V
VWM = 11 V
VWM = 12 V
VWM = 12 V
VWM = 13 V
VWM = 14 V
Unidirectional
Bidirectional
Unidirectional
Bidirectional
Unidirectional
Bidirectional
Bidirectional
Bidirectional
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
5.0SMDJ15A
5.0SMDJ15CA
5.0SMDJ16CA
5.0SMDJ20A
5.0SMDJ20CA
5.0SMDJ24A
5.0SMDJ24CA
5.0SMDJ26CA
VWM = 15 V
VWM = 15 V
VWM = 16 V
VWM = 20 V
VWM = 20 V
VWM = 24 V
VWM = 24 V
VWM = 26 V
Unidirectional
Bidirectional
Bidirectional
Unidirectional
Bidirectional
Unidirectional
Bidirectional
Bidirectional
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
5.0SMDJ28A
5.0SMDJ28CA
5.0SMDJ30A
5.0SMDJ30CA
5.0SMDJ33A
5.0SMDJ33CA
5.0SMDJ36A
5.0SMDJ36CA
VWM = 28 V
VWM = 28 V
VWM = 30 V
VWM = 30 V
VWM = 33 V
VWM = 33 V
VWM = 36 V
VWM = 36 V
Unidirectional
Bidirectional
Unidirectional
Bidirectional
Unidirectional
Bidirectional
Unidirectional
Bidirectional
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
5.0SMDJ40A
5.0SMDJ40CA
5.0SMDJ45A
5.0SMDJ45CA
5.0SMDJ48A
5.0SMDJ48CA
5.0SMDJ58A
5.0SMDJ64A
VWM = 40 V
VWM = 40 V
VWM = 45 V
VWM = 45 V
VWM = 48 V
VWM = 48 V
VWM = 58 V
VWM = 64 V
Unidirectional
Bidirectional
Unidirectional
Bidirectional
Unidirectional
Bidirectional
Unidirectional
Unidirectional
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
COPYRIGHT© 2018, BOURNS, INC. LITHO IN U.S.A. 07/18 PSG 400/ESD1827
CD-LAB10 design kit insert.indd 2
7/20/18 3:52 PM



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com