Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CMP2010-FX-1002ELF. Datasheet(PDF) 6 Page - Bourns Electronic Solutions

No. de pieza CMP2010-FX-1002ELF.
Descripción Electrónicos  CMP Series High Power Anti-Surge Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMP2010-FX-1002ELF. Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  CMP2010-FX-1002ELF. Datasheet HTML 1Page - Bourns Electronic Solutions CMP2010-FX-1002ELF. Datasheet HTML 2Page - Bourns Electronic Solutions CMP2010-FX-1002ELF. Datasheet HTML 3Page - Bourns Electronic Solutions CMP2010-FX-1002ELF. Datasheet HTML 4Page - Bourns Electronic Solutions CMP2010-FX-1002ELF. Datasheet HTML 5Page - Bourns Electronic Solutions CMP2010-FX-1002ELF. Datasheet HTML 6Page - Bourns Electronic Solutions CMP2010-FX-1002ELF. Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Packaging Dimensions (Conforms to EIA RS-481A)
Model
Tape Type Pieces per
Reel
A
B
W
F
CMP0603
Paper
5,000
1.10 ± 0.20
(.043 ± .008)
1.90 ± 0.20
(.075 ± .008)
8.00 ± 0.30
(.315 ± .012)
3.50 ± 0.05
(.138 ± .020)
CMP0805
1.65 ± 0.20
(.065 ± .008)
2.40 ± 0.20
(.094 ± .008)
CMP1206
2.00 ± 0.20
(.079 ± .008)
3.60 ± 0.20
(.142 ± .008)
CMP2010
Plastic
4,000
2.80 ± 0.20
(.110 ± .008)
5.50 ± 0.20
(.216 ± .008)
12.00 ± 0.30
(.472 ± .012)
5.50 ± 0.05
(.217 ± .020)
CMP2512
3.50 ± 0.20
(.138 ± .008)
6.70 ± 0.20
(.264 ± .008)
DIMENSIONS:
MM
(INCHES)
REV. 05/26/20
2.0 ± 0.5
(.079 ± .020)
178.0 ± 2.0
(7.008 ± .080)
20
(.787)
MIN.
13.0 ± 0.5
(.512 ± .020)
60.0 ± 0.5
(2.36 ± .020)
16.7
(.657)
MAX.
CMP2010, CMP2512:
14.9
(.587)
MAX.
CMP0603, CMP0805, CMP1206:
10.0 ± 1.5
(.394 ± .059)
CMP0603, CMP0805, CMP1206:
13.8 ± 1.5
(.543 ± .059)
CMP2010, CMP2512:
1.75 ± 0.10
(.069 ± .004)
A
4.00 ± 0.10
(.157 ± .004)
4.00 ± 0.10
(.157 ± .004)
1.50 +0.10/-0
(.059 +.004/-0)
DIA.
2.00 ± 0.05
(.079 ± .002)
B
W
F
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
CMP Series High Power Anti-Surge Chip Resistors



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com