Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1937428 Datasheet(PDF) 7 Page - PHOENIX CONTACT

No. de pieza 1937428
Descripción Electrónicos  Printed-circuit board connector - MC 1,5/ 4-STF-3,5 - 1847071
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1937428 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  1937428 Datasheet HTML 1Page - PHOENIX CONTACT 1937428 Datasheet HTML 2Page - PHOENIX CONTACT 1937428 Datasheet HTML 3Page - PHOENIX CONTACT 1937428 Datasheet HTML 4Page - PHOENIX CONTACT 1937428 Datasheet HTML 5Page - PHOENIX CONTACT 1937428 Datasheet HTML 6Page - PHOENIX CONTACT 1937428 Datasheet HTML 7Page - PHOENIX CONTACT 1937428 Datasheet HTML 8Page - PHOENIX CONTACT 1937428 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
https://www.phoenixcontact.com/gb/products/1847071
01/25/2017   Page 7 / 9
Printed-circuit board connector - MC 1,5/ 4-STF-3,5 - 1847071
Accessories
Printed-circuit board connector - MC 1,5/ 4-GF-3,5 P26 THRR56 - 1789216
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 4, Pitch: 3.5 mm, Color: black,
Contact surface: Tin, Mounting: THR soldering
 
 
Printed-circuit board connector - MC 1,5/ 4-GF-3,5 P20 THRR56 - 1789436
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 4, Pitch: 3.5 mm, Color: black,
Contact surface: Tin, Mounting: THR soldering
 
 
Printed-circuit board connector - MC 1,5/ 4-GF-3,5 P14 THR - 1789643
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 4, Pitch: 3.5 mm, Color: black,
Contact surface: Tin, Mounting: THR soldering
 
 
Printed-circuit board connector - MC 1,5/ 4-GF-3,5 P14 THRR56 - 1789656
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 4, Pitch: 3.5 mm, Color: black,
Contact surface: Tin, Mounting: THR soldering
 
 
Base strip - MCV 1,5/ 4-GF-3,5 - 1843240
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 4, Pitch: 3.5 mm, Color: green,
Contact surface: Tin, Mounting: Wave soldering
 
 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com