Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1754597 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza 1754597
Descripción Electrónicos  Printed-circuit board connector - CCA 2,5/ 5-G-5,08 P26THR - 1954948
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754597 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754597 Datasheet HTML 1Page - PHOENIX CONTACT 1754597 Datasheet HTML 2Page - PHOENIX CONTACT 1754597 Datasheet HTML 3Page - PHOENIX CONTACT 1754597 Datasheet HTML 4Page - PHOENIX CONTACT 1754597 Datasheet HTML 5Page - PHOENIX CONTACT 1754597 Datasheet HTML 6Page - PHOENIX CONTACT 1754597 Datasheet HTML 7Page - PHOENIX CONTACT 1754597 Datasheet HTML 8Page - PHOENIX CONTACT 1754597 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
https://www.phoenixcontact.com/gb/products/1954948
08/21/2018   Page 1 / 10
Printed-circuit board connector - CCA 2,5/ 5-G-5,08 P26THR - 1954948
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 5, pitch: 5.08 mm, color:
black, contact surface: Tin, mounting: THR soldering, User information and design recommendations for
through hole reflow technology can be found under “Downloads”
The figure shows a 10-position
version of the product
Why buy this product
 Designed for integration into the SMT soldering process
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
 Closed contour for optimum stability of the plug-in connection
Key Commercial Data
Packing unit
50 STK
Minimum order quantity
50 STK
GTIN
GTIN
4017918925765
Weight per Piece (excluding packing)
2.280 g
Custom tariff number
85366930
Country of origin
Germany
Technical data
Dimensions
Length [ l ]
12 mm
Width
28.2 mm
Pitch
5.08 mm
Dimension a
20.32 mm
Width [ w ]
28.2 mm
Height [ h ]
11.2 mm
Constructional height
8.6 mm
Length of the solder pin
2.6 mm


Número de pieza similar - 1754597

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
1754597 PHOENIX-1754597 Datasheet
460Kb / 22P
Printed-circuit board connector - FKCN 2,5/ 5-ST-5,08
09/12/2020
More results

Descripción similar - 1754597

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
1751448 PHOENIX-1751448 Datasheet
41Kb / 2P
Printed-circuit board connector - CCA 2,5/ 2-G-5,08 AU P26THR
1705815 PHOENIX-1705815 Datasheet
72Kb / 3P
Printed-circuit board connector - CCA 2,5/12-G-5,08 AU P26THR
1827647 PHOENIX-1827647 Datasheet
96Kb / 4P
Printed-circuit board connector - CCA 2,5/13-G-5,08 P26THR
1827650 PHOENIX-1827650 Datasheet
96Kb / 4P
Printed-circuit board connector - CCA 2,5/14-G-5,08 P26THR
1827663 PHOENIX-1827663 Datasheet
96Kb / 4P
Printed-circuit board connector - CCA 2,5/15-G-5,08 P26THR
1827692 PHOENIX-1827692 Datasheet
96Kb / 4P
Printed-circuit board connector - CCA 2,5/18-G-5,08 P26THR
1827715 PHOENIX-1827715 Datasheet
95Kb / 4P
Printed-circuit board connector - CCA 2,5/20-G-5,08 P26THR
1827728 PHOENIX-1827728 Datasheet
96Kb / 4P
Printed-circuit board connector - CCA 2,5/21-G-5,08 P26THR
1827744 PHOENIX-1827744 Datasheet
96Kb / 4P
Printed-circuit board connector - CCA 2,5/23-G-5,08 P26THR
1954980 PHOENIX-1954980 Datasheet
194Kb / 12P
Printed-circuit board connector - CCA 2,5/ 8-G-5,08 P26THR
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com