Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS04504AS Datasheet(PDF) 13 Page - PUI audio inc.

No. de pieza AS04504AS
Descripción Electrónicos  SPEAKERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PUIAUDIO [PUI audio inc.]
Página de inicio  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS04504AS Datasheet(HTML) 13 Page - PUI audio inc.

Back Button AS04504AS Datasheet HTML 8Page - PUI audio inc. AS04504AS Datasheet HTML 9Page - PUI audio inc. AS04504AS Datasheet HTML 10Page - PUI audio inc. AS04504AS Datasheet HTML 11Page - PUI audio inc. AS04504AS Datasheet HTML 12Page - PUI audio inc. AS04504AS Datasheet HTML 13Page - PUI audio inc. AS04504AS Datasheet HTML 14Page - PUI audio inc. AS04504AS Datasheet HTML 15Page - PUI audio inc. AS04504AS Datasheet HTML 16Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Internally set, non-inverting gain: VOUT/VIN = 50
*R = 2.7 Ω and *C = 0.1 μF may be needed to suppress zero crossing, transient
oscillations.
Bridge-Tied-Load (BTL) Drive Circuits
Ease of design, single 5V supply, an output voltage swing that is twice that achieved
by a single amplifier, and elimination of a coupling capacitor between the amplifier
output and the speaker makes a BTL amplifier one of the best choices to drive
speakers. Internally, this amplifier topology consists of two inverting amplifiers in
operating in series, with the speaker connected between the two outputs.
A typical BTL circuit is shown in Figure 4. This amplifier is able to force a 1W with no
more than 1% THD into an 8Ω speaker load while operating on a single 5V supply
voltage
Figure 4. LM4906 Bridge-Tied Load (BTL) Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com