Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L3623 Datasheet(PDF) 1 Page - OSRAM GmbH

No. de pieza L3623
Descripción Electrónicos  T8 L 36W BASIC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

L3623 Datasheet(HTML) 1 Page - OSRAM GmbH

  L3623 Datasheet HTML 1Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 205,3
± 1,2
1 199,4
1 213,6
∅ 25,0 ± 1,5
Cap: G13
•
Fluorescent Lamp with 26 mm diameter.
•
Available light colours: Cool Daylight (765), Cool White (640)
Frequency
(Hz)
:
50 Hz-Operation
Lamp wattage
(W)
:
36
Nominal current (CCG-operation) uncompensated
(A)
:
0,43
Lamp arc voltage UL after switch-on (
±10%)
(V)
:
103
Resistance / Impedance Z (for CCG)
(
Ω)
:
240
System power – CCG-operation
(W)
:
depends on EEI-class of CCG
Pre-heat current IEC 81
(mA)
:
650
Luminance
(cd/cm²) :
1,2
Compensation capacitor (power factor
≈1 for CCG)
(
µF)
:
4,5
Row capacitor for CCG duo wiring
(
µF/Vc) :
3,4/450
Average life time (50% failure rate)
(h)
:
13000 (CCG)
Economical life time (80% lum. flux from initial 100h value)
(h)
:
5000 (CCG)
Note:
*Measurement in accordance with EN 60081, annex C.
The lamps meet EN 60081 and EN 61195 requirements.
Starter and ballasts have to meet EN 60155 and EN 60921 requirements.
FL M-M, edition: 02/06
Reserved for changes – Data serve for orientation.
** at >20 KHz operation and aged 100h; 25°C ambient temperature
Technical Information FL
T8 L 36W BASIC
PHYSICAL DIMENSIONS
PRODUCT FEATURES
Technical Data
Life Time*
PHOTOMETRICAL DATA
L 36W/765
2500
70...79
6500
L 36W/640
2850
60…69
4000
Labelling in brand OSRAM
Rated luminous flux** (lm)
Colour rendering index (Ra)
Colour temperature (K)
[in mm]


Número de pieza similar - L3623

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
L363 IXYS-L363 Datasheet
315Kb / 2P
ECO-PAC Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODES (FRED)
logo
Renesas Technology Corp
L36C RENESAS-L36C Datasheet
973Kb / 75P
RENESAS MCU
logo
Delta Electronics, Inc.
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
579Kb / 13P
Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
546Kb / 13P
Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
651Kb / 13P
Delphi Series L36SS, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 3.3V/15A out
More results

Descripción similar - L3623

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRPLDIM2E IRF-IRPLDIM2E Datasheet
242Kb / 13P
Digital Dimming DALI Ballast for 36W/T8 220V input
logo
OSRAM GmbH
QTP81X36 OSRAM-QTP81X36 Datasheet
52Kb / 2P
QUICKTRONIC짰PROFESSIONAL T8 ECG for T8/26mm fluorescent lamps
logo
P-tec Corporation
E58I P-TEC-E58I Datasheet
388Kb / 4P
E58i T8 LED
E68I P-TEC-E68I Datasheet
208Kb / 2P
E68i T8 LED Tube
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
T8 LED tube
logo
MORNSUN Science& Techno...
MG03609HA MORNSUN-MG03609HA Datasheet
335Kb / 4P
36W AC/DC Adapter
MI03609HA MORNSUN-MI03609HA Datasheet
328Kb / 4P
36W AC/DC Adapter
logo
CINCON ELECTRONICS Corp...
TRE36 CINCON-TRE36 Datasheet
265Kb / 2P
36W SWITCHING ADAPTER
TRG36 CINCON-TRG36 Datasheet
355Kb / 2P
36W SWITCHING ADAPTER
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com