Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GF3DB Datasheet(PDF) 2 Page - TAITRON Components Incorporated

No. de pieza GF3DB
Descripción Electrónicos  3.0A Surface Mount Sintered Glass Passivated Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAITRON [TAITRON Components Incorporated]
Página de inicio  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GF3DB Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  GF3DB Datasheet HTML 1Page - TAITRON Components Incorporated GF3DB Datasheet HTML 2Page - TAITRON Components Incorporated GF3DB Datasheet HTML 3Page - TAITRON Components Incorporated GF3DB Datasheet HTML 4Page - TAITRON Components Incorporated GF3DB Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3.0A Surface Mount Sintered Glass Passivated Rectifier
GF3AB - GF3MB
Rev. B/AH 2008-05-26
www.taitroncomponents.com
Page 2 of 5
Fig.2-Max. Non-Repetitive Forward Surge Current
Fig.1- Forward Current Derating Curve
Ambient Temperature (° C)
Fig.4- Typical Reverse Characteristics
Typical Characteristics Curves
Fig.3- Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (V)
Percentage of Peak Reverse Voltage (%)
Number of Cycles at 60Hz



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com