| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7265AR4T0 Datasheet(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7265AR4T0 Datasheet(HTML) 67 Page - STMicroelectronics |
|
67 / 166 page ![]() ST7265x 67/166 USB INTERFACE (Cont’d) Figure 43. Endpoint 2 Upload Mode selected by MOD[1:0] Bits = 01b USB DATA USB DATA USB DATA USB DATA USB DATA 512-byte buffer as 64-byte slices 512-byte buffer as 64-byte slices 64-byte buffer 1650h 1A4Fh 15CFh Endpoint 2 Buffer OUT Endpoint 2 Buffer IN 158Fh 1550h Endpoint 1 Buffer OUT Endpoint 1 Buffer IN Endpoint 0 Buffer OUT Endpoint 0 Buffer IN 1590h 1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |