| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72E121 Datasheet(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72E121 Datasheet(HTML) 91 Page - STMicroelectronics |
|
91 / 92 page ![]() 91/92 ST72E121 ST72T121 7.3 ORDERING INFORMATION Each device is available for production in user pro- grammable version (OTP). OTP devices are shipped to customer with a default blank content FFh. There is one common EPROM version for debugging and prototyping which features the maximum memory size and peripherals of the family. Care must be taken to only use resources available on the target device. Figure 53. OTP User Programmable Device Types Notes: – The ST72E121J4D0 (CERDIP 25 °C) is used as the EPROM versions for the above devices. – The ROM versions are supported by the ST72124 family. DEVICE PACKAGE TEMP. RANGE S= LVD Reset option 3 = automotive -40 to +125 °C 6= industrial -40 to +85 °C B= Plastic DIP T= Plastic TQFP ST72T121J2 ST72T121J4 X |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |