Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

V53C16258SHT30 Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

No. de pieza V53C16258SHT30
Descripción Electrónicos  HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOSEL [Mosel Vitelic, Corp]
Página de inicio  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258SHT30 Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button V53C16258SHT30 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C16258SHT30 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C16258SHT30 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C16258SHT30 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258SHT30 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258SHT30 Datasheet HTML 9Page - Mosel Vitelic, Corp V53C16258SHT30 Datasheet HTML 10Page - Mosel Vitelic, Corp V53C16258SHT30 Datasheet HTML 11Page - Mosel Vitelic, Corp V53C16258SHT30 Datasheet HTML 12Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
V53C16258H Rev. 3.8 November 1999
MOSEL VITELIC
V53C16258H
Truth Table
Notes:
1.
Byte Write cycles LCAS or UCAS active.
2.
Byte Read cycles LCAS or UCAS active.
3.
Only one of the two CAS must be active (LCAS or UCAS).
Function
RAS
LCAS
UCAS
WE
OE
ADDRESS
I/O
Notes
Standby
H
H
H
X
X
X
High-Z
Read: Word
L
L
L
H
L
ROW/COL
Data Out
Read: Lower Byte
L
L
H
H
L
ROW/COL
Lower Byte, Data-Out
Upper Byte, High-Z
Read: Upper Byte
L
H
L
H
L
ROW/COL
Lower Byte, High-Z
Upper Byte, Data-Out
Write: Word (Early-Write)
L
L
L
L
X
ROW/COL
Data-In
Write: Lower Byte (Early)
L
L
H
L
X
ROW/COL
Lower Byte, Data-In
Upper Byte, High-Z
Read: Upper Byte (Early)
L
H
L
L
X
ROW/COL
Lower Byte, High-Z
Upper Byte, Data-In
Read-Write
L
L
L
H
→L
L
→H
ROW/COL
Data-Out, Data-In
1, 2
EDO Page-Mode Read
L
H
→L
H
→L
H
L
COL
Data-Out
2
EDO Page-Mode Write
L
H
→L
H
→L
L
X
COL
Data-In
2
EDO Page-Mode Read-Write
L
H
→L
H
→L
H
→L
L
→H
COL
Data-Out, Data-In
1, 2
Hidden Refresh Read
L
→H→L
L
L
H
L
ROW/COL
Data-Out
2
RAS-Only Refresh
L
H
H
X
X
ROW
High-Z
CBR Refresh
H
→L
L
L
X
X
X
High-Z
3
Self Refresh
H
→L
L
H
X
X
X
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com