Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EMP116MEAW Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

No. de pieza EMP116MEAW
Descripción Electrónicos  1Mx16 Pseudo Static RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EMLSI [Emerging Memory & Logic Solutions Inc]
Página de inicio  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMP116MEAW Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button EMP116MEAW Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EMP116MEAW Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMP116MEAW Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMP116MEAW Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMP116MEAW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMP116MEAW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMP116MEAW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMP116MEAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMP116MEAW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EMP116MEAW Series
1Mx16 Pseudo Static RAM
Preliminary
Rev 0.0
AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference)
Input Pulse Level : 0.2V to VCCQ-0.2V
Input Rise and Fall Time : 5ns
Input and Output reference Voltage : VCCQ/2
Output Load (See right) : CL1) = 30pF
1. Including scope and Jig capacitance
CL1)
AC CHARACTERISTICS (Vcc = 2.7 to 3.3V, Gnd = 0V, TA = -25C to +85oC)
Dout
Parameter List
Symbol
Speed
Unit
Min
Max
Read
Read Cycle Time
tRC
70
1k
ns
Address access time
tAA
-
70
ns
Chip enable to data output
tCO
-
70
ns
Output enable to valid output
tOE
-
25
ns
UB#, LB# enable to data output
tBA
-
70
ns
Chip enable to low-Z output
tLZ
10
-
ns
UB#, LB# enable to low-Z output
tBLZ
10
-
ns
Output enable to low-Z output
tOLZ
5
-
ns
Chip disable to high-Z output
tHZ
0
15
ns
UB#, LB# disable to high-Z output
tBHZ
0
15
ns
Output disable to high-Z output
tOHZ
0
15
ns
Output hold from Address change
tOH
5
-
ns
Write
Write Cycle Time
tWC
70
1k
ns
Chip enable to end of write
tCW
60
-
ns
Address setup time
tAS
0
-
ns
Address valid to end of write
tAW
60
-
ns
UB#, LB# valid to end of write
tBW
60
-
ns
Write pulse width
tWP
50
-
ns
Write recovery time
tWR
0
-
ns
Write to output high-Z
tWHZ
0
15
ns
Data to write time overlap
tDW
20
-
ns
Data hold from write time
tDH
0
-
ns
End write to output low-Z
tOW
5
-
ns
Page
Maximum cycle time
tMRC
-
1k
ns
Page mode cycle time
tPC
25
-
ns
Page mode address access time
tPAA
-
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com