| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DPFF2S22JS-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
DPFF2S22JS-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics |
|
2 / 3 page ![]() CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Type DPFF High AC Current Polypropylene Film Capacitors Ratings Cap Catalog T Max. H Max. L Max. S ±0.06 (±1.5) (µF) Part Number Inches (mm) Inches (mm)Inches (mm) Inches (mm) 200/250 Vdc (155 Vac 60 Hz) .0120 DPFF2S12J–F 0.37 (9.4) 0.37 (9.4) 0.75 (19.1) 0.374 (9.5) .0150 DPFF2S15J–F 0.37 (9.4) 0.37 (9.4) 0.75 (19.1) 0.374 (9.5) .0150 DPFF2S15JS–F 0.28 (7.1) 0.34 (8.6) 0.70 (17.8) 0.374 (9.5) .0180 DPFF2S18J–F 0.37 (9.4) 0.37 (9.4) 0.75 (19.1) 0.374 (9.5) .0220 DPFF2S22J–F 0.37 (9.4) 0.37 (9.4) 0.75 (19.1) 0.374 (9.5) .0220 DPFF2S22JS–F 0.31 (7.9) 0.37 (9.4) 0.70 (17.8) 0.374 (9.5) .0270 DPFF2S27J–F 0.42 (10.7) 0.42 (10.7) 0.75 (19.1) 0.374 (9.5) .0330 DPFF2S33J–F 0.42 (10.7) 0.42 (10.7) 0.75 (19.1) 0.374 (9.5) .0330 DPFF2S33JS–F 0.36 (9.1) 0.42 (10.7) 0.70 (17.8) 0.374 (9.5) .0390 DPFF2S39J–F 0.40 (10.2) 0.40 (10.2) 0.95 (24.1) 0.374 (9.5) .0470 DPFF2S47J–F 0.40 (10.2) 0.40 (10.2) 0.95 (24.1) 0.374 (9.5) .0470 DPFF2S47JS–F 0.34 (8.6) 0.40 (10.2) 0.90 (22.9) 0.374 (9.5) .0560 DPFF2S56J–F 0.45 (11.4) 0.45 (11.4) 0.95 (24.1) 0.374 (9.5) .0680 DPFF2S68J–F 0.45 (11.4) 0.45 (11.4) 0.95 (24.1) 0.374 (9.5) .0680 DPFF2S68JS-F 0.39 (9.9) 0.45 (11.4) 0.90 (22.9) 0.374 (9.5) .0820 DPFF2S82J–F 0.45 (11.4) 0.45 (11.4) 1.30 (33.0) 0.72 (18.3) .1000 DPFF2P1J–F 0.45 (11.4) 0.45 (11.4) 1.25 (31.8) 0.72 (18.3) .1000 DPFF2P1JS–F 0.38 (9.7) 0.44 (11.2) 1.25 (31.8) 0.72 (18.3) .1200 DPFF2P12J–F 0.55 (14.0) 0.55 (14.0) 1.30 (33.0) 0.72 (18.3) .1500 DPFF2P15J–F 0.55 (14.0) 0.55 (14.0) 1.30 (33.0) 0.72 (18.3) .1500 DPFF2P15JS–F 0.44 (11.2) 0.50 (12.7) 1.25 (31.8) 0.72 (18.3) .1800 DPFF2P18J–F 0.62 (15.7) 0.62 (15.7) 1.30 (33.0) 0.72 (18.3) .2200 DPFF2P22J–F 0.62 (15.7) 0.62 (15.7) 1.30 (33.0) 0.72 (18.3) .2200 DPFF2P22JS–F 0.51 (13.0) 0.57 (14.5) 1.25 (31.8) 0.72 (18.3) .2700 DPFF2P27J–F 0.65 (16.5) 0.65 (14.5) 1.70 (43.2) 1.095 (27.8) .3300 DPFF2P33J–F 0.65 (16.5) 0.65 (14.5) 1.65 (41.9) 1.095 (27.8) .3300 DPFF2P33JS-F 0.53 (13.5) 0.59 (15.0) 1.65 (41.9) 1.095 (27.8) .3900 DPFF2P39J–F 0.75 (19.1) 0.75 (19.1) 1.70 (43.2) 1.095 (27.8) .4700 DPFF2P47J–F 0.75 (19.1) 0.75 (19.1) 1.70 (43.2) 1.095 (27.8) .4700 DPFF2P47JS–F 0.6 (15.2) 0.66 (168) 1.65 (41.9) 1.095 (27.8) 400 Vdc (200 Vac 60 Hz) .0039 DPFF4D39J–F 0.40 (10.2) 0.40 (10.2) 0.75 (19.1) 0.374 (9.5) .0047 DPFF4D47J–F 0.40 (10.2) 0.40 (10.2) 0.75 (19.1) 0.374 (9.5) .0056 DPFF4D56J–F 0.40 (10.2) 0.40 (10.2) 0.75 (19.1) 0.374 (9.5) .0068 DPFF4D68J–F 0.40 (10.2) 0.40 (10.2) 0.75 (19.1) 0.374 (9.5) .0082 DPFF4D82J–F 0.40 (10.2) 0.40 (10.2) 0.75 (19.1) 0.374 (9.5) .0100 DPFF4S1J–F 0.40 (10.2) 0.40 (10.2) 0.75 (19.1) 0.374 (9.5) .0120 DPFF4S12J–F 0.45 (11.4) 0.45 (11.4) 0.75 (19.1) 0.374 (9.5) .0150 DPFF4S15J–F 0.45 (11.4) 0.45 (11.4) 0.75 (19.1) 0.374 (9.5) .0150 DPFF4S15JS–F 0.34 (8.6) 0.40 (10.2) 0.70 (17.8) 0.374 (9.5) .0180 DPFF4S18J–F 0.45 (11.4) 0.45 (11.4) 0.95 (24.1) 0.374 (9.5) .0220 DPFF4S22J–F 0.45 (11.4) 0.45 (11.4) 0.95 (24.1) 0.374 (9.5) .0270 DPFF4S27J–F 0.50 (12.7) 0.50 (12.7) 0.95 (24.1) 0.374 (9.5) .0330 DPFF4S33J–F 0.50 (12.7) 0.50 (12.7) 0.95 (24.1) 0.374 (9.5) .0330 DPFF4S33JS–F 0.38 (9.7) 0.44 (11.2) 0.90 (22.9) 0.374 (9.5) .0390 DPFF4S39J–F 0.50 (12.7) 0.50 (12.7) 1.30 (33.0) 0.72 (18.3) Cap Catalog T Max. H Max. L Max. S ±0.06 (±1.5) (µF) Part Number Inches (mm) Inches (mm)Inches (mm) Inches (mm) 400 Vdc (200 Vac 60 Hz) .0470 DPFF4S47J–F 0.50 (12.7) 0.50 (12.7) 1.30 (33.0) 0.72 (18.3) .0560 DPFF4S56J–F 0.55 (14.0) 0.55 (14.0) 1.30 (33.0) 0.72 (18.3) .0680 DPFF4S68J–F 0.55 (14.0) 0.55 (14.0) 1.30 (33.0) 0.72 (18.3) .0820 DPFF4S82J–F 0.60 (15.2) 0.60 (15.2) 1.30 (33.0) 0.72 (18.3) .1000 DPFF4P1J–F 0.60 (15.2) 0.60 (15.2) 1.30 (33.0) 0.72 (18.3) .1200 DPFF4P12J–F 0.65 (16.5) 0.65 (16.5) 1.30 (33.0) 0.72 (18.3) .1500 DPFF4P15J–F 0.65 (16.5) 0.65 (16.5) 1.30 (33.0) 0.72 (18.3) .1500 DPFF4P15JS–F 0.56 (14.2) 0.62 (15.7) 1.25 (31.8) 0.72 (18.3) .1800 DPFF4P18J–F 0.70 (17.8) 0.70 (17.8) 1.70 (43.2) 1.095 (27.8) .2200 DPFF4P22J–F 0.70 (17.8) 0.70 (17.8) 1.70 (43.2) 1.095 (27.8) .2200 DPFF4P22JS-F 0.58 14.7) 0.64 (16.3) 1.65 (41.9) 1.095 (27.8) .2700 DPFF4P27J–F 0.80 (20.3) 0.80 (20.3) 1.70 (43.2) 1.095 (27.8) .3300 DPFF4P33J–F 0.80 (20.3) 0.80 (20.3) 1.70 (43.2) 1.095 (27.8) .3300 DPFF4P33JS–F 0.70 (17.8) 0.76 (19.3) 1.65 (41.9) 1.095 (27.8) .3900 DPFF4P39J–F 0.90 (22.9) 0.90 (22.9) 1.70 (43.2) 1.095 (27.8) .4700 DPFF4P47J–F 0.90 (22.9) 0.90 (22.9) 1.70 (43.2) 1.095 (27.8) .4700 DPFF4P47JS–F 0.82 (20.8) 0.88 (22.4) 1.65 (41.9) 1.095 (27.8) 600/630 Vdc (200 Vac 60 Hz) .0010 DPFF6D1J–F 0.40 (10.2) 0.40 (10.2) 0.75 (19.1) 0.374 (9.5) .0012 DPFF6D12J–F 0.40 (10.2) 0.40 (10.2) 0.75 (19.1) 0.374 (9.5) .0015 DPFF6D15J–F 0.40 (10.2) 0.40 (10.2) 0.75 (19.1) 0.374 (9.5) .0015 DPFF6D15JS–F 0.32 (8.1) 0.36 (9.1) 0.70 (17.8) 0.374 (9.5) .0018 DPFF6D18J–F 0.40 (10.2) 0.40 (10.2) 0.75 (19.1) 0.374 (9.5) .0022 DPFF6D22J–F 0.40 (10.2) 0.40 (10.2) 0.75 (19.1) 0.374 (9.5) .0027 DPFF6D27J–F 0.40 (10.2) 0.40 (10.2) 0.75 (19.1) 0.374 (9.5) .0033 DPFF6D33J–F 0.40 (10.2) 0.40 (10.2) 0.75 (19.1) 0.374 (9.5) .0033 DPFF6D33JS–F 0.32 (8.1) 0.36 (9.1) 0.70 (17.8) 0.374 (9.5) .0039 DPFF6D39J–F 0.45 (11.4) 0.45 (11.4) 0.75 (19.1) 0.374 (9.5) .0047 DPFF6D47J–F 0.45 (11.4) 0.45 (11.4) 0.75 (19.1) 0.374 (9.5) .0047 DPFF6D47JS–F 0.34 (8.6) 0.38 (9.7) 0.70 (17.8) 0.374 (9.5) .0056 DPFF6D56J–F 0.45 (11.4) 0.45 (11.4) 0.75 (19.1) 0.374 (9.5) .0068 DPFF6D68J–F 0.45 (11.4) 0.45 (11.4) 0.75 (19.1) 0.374 (9.5) .0068 DPFF6D68JS–F 0.38 (9.7) 0.42 (10.7) 0.70 (17.8) 0.374 (9.5) .0082 DPFF6D82J–F 0.45 (11.4) 0.45 (11.4) 0.95 (24.1) 0.374 (9.5) .0100 DPFF6S1J–F 0.45 (11.4) 0.45 (11.4) 0.95 (24.1) 0.374 (9.5) .0100 DPFF6S1JS–F 0.36 (8.1) 0.40 (10.2) 0.90 (22.9) 0.374 (9.5) .0120 DPFF6S12J–F 0.50 (12.7) 0.50 (12.7) 0.95 (24.1) 0.374 (9.5) .0150 DPFF6S15J–F 0.50 (12.7) 0.50 (12.7) 0.95 (24.1) 0.374 (9.5) .0150 DPFF6S15JS–F 0.42 (10.7) 0.46 (11.7) 0.90 (22.9) 0.374 (9.5) .0180 DPFF6S18J–F 0.55 (14.0) 0.55 (14.0) 0.95 (24.1) 0.374 (9.5) .0220 DPFF6S22J–F 0.55 (14.0) 0.55 (14.0) 0.95 (24.1) 0.374 (9.5) .0220 DPFF6S22JS–F 0.48 (12.2) 0.52 (13.2) 0.90 (22.9) 0.374 (9.5) .0270 DPFF6S27J–F 0.55 (14.0) 0.55 (14.0) 1.30 (33.0) 0.72 (18.3) .0270 DPFF6S27JS–F 0.43 (10.9) 0.47 (11.9) 1.25 (31.8) 0.72 (18.3) .0330 DPFF6S33J–F 0.55 (14.0) 0.55 (14.0) 1.30 (33.0) 0.72 (18.3) .0390 DPFF6S39J–F 0.60 (15.2) 0.60 (15.2) 1.30 (33.0) 0.72 (18.3) RoHS Compliant |