| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CSR13E107K Datasheet(PDF) 7 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
CSR13E107K Datasheet(HTML) 7 Page - Cornell Dubilier Electronics |
|
7 / 7 page ![]() CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Type CSR13 (MIL-C-39003/01) Solid Tantalum Capacitors Ratings * Failure rate level indicator (M, P, R, S) + D failure rate: Not QPL for +8305 thru +8401 + C failure rate: Not QPL for +7390 thru +7401 MIL-C-39003/1 (CSR13) Dash Numbers Max. Exponential Failure Rate Weibull Failure Rate Max DF (% per 1000 hours) (% per 1000 hours) Catalog Cap Case DCL @ +25 ºC 'M' 'P' 'R' 'S' 'B' 'C' 'D' Cap Part Number Tol. ± Code @ +25 ºC 120 Hz Level Level Level Level Level Level Level (µF) (%) (µA) (%) (1.0) (.10) (.01) (.001) (.10) (.01) (.001) 100 WVdc @ +85 ºC — 67 WVdc @ +125 ºC 0.015 CSR13J153K* 10 A 0.3 2 2432 2672 2912 3152 6320 7320 +8320 0.015 CSR13J153M* 20 A 0.3 2 2433 2673 2913 3153 6321 7321 +8321 0.018 CSR13J183K* 10 A 0.3 2 2434 2674 2914 3154 6323 7323 +8323 0.022 CSR13J223K* 10 A 0.3 2 2435 2675 2915 3155 6325 7325 +8325 0.022 CSR13J223M* 20 A 0.3 2 2436 2676 2916 3156 6326 7326 +8326 0.27 CSR13J274K* 10 A 0.3 2 2455 2695 2935 3175 6358 7358 +8358 0.33 CSR13J334K* 10 A 0.3 2 2456 2696 2936 3176 6360 7360 +8360 0.33 CSR13J334M* 20 A 0.3 2 2457 2697 2937 3177 6361 7361 +8361 0.39 CSR13J394K* 10 A 0.3 2 2458 2698 2938 3178 6363 7363 +8363 0.47 CSR13J474K* 10 A 0.3 2 2459 2699 2939 3179 6365 7365 +8365 0.47 CSR13J474M* 20 A 0.3 2 2460 2700 2940 3180 6366 7366 +8366 0.56 CSR13J564K* 10 A 0.3 2 2461 2701 2941 3181 6368 7368 +8368 0.68 CSR13J684K* 10 B 0.3 2 2462 2702 2942 3182 6370 7370 +8370 0.68 CSR13J684M* 20 B 0.3 2 2463 2703 2943 3183 6371 7371 +8371 0.82 CSR13J824K* 10 B 0.4 2 2464 2704 2944 3184 6373 7373 +8373 1.0 CSR13J105K* 10 B 0.5 2 2465 2705 2945 3185 6375 7375 +8375 1.0 CSR13J105M* 20 B 0.5 2 2466 2706 2946 3186 6376 7376 +8376 1.2 CSR13J125K* 10 B 0.5 3 2467 2707 2947 3187 6378 7378 +8378 1.5 CSR13J155K* 10 B 0.7 3 2468 2708 2948 3188 6380 7380 +8380 1.5 CSR13J155M* 20 B 0.7 3 2469 2709 2949 3189 6381 7381 +8381 1.8 CSR13J185K* 10 B 0.7 3 2470 2710 2950 3190 6383 7383 +8383 2.2 CSR13J225K* 10 B 0.9 3 2471 2711 2951 3191 6385 7385 +8385 2.2 CSR13J225M* 20 B 0.9 3 2472 2712 2952 3192 6386 7386 +8386 2.7 CSR13J275K* 10 B 1.1 3 2473 2713 2953 3193 6388 7388 +8388 3.3 CSR13J335K* 10 C 1.5 3 5157 5357 5557 5757 6390 +7390 +8390 3.3 CSR13J335M* 20 C 1.5 3 5158 5358 5558 5758 6391 +7391 +8391 3.9 CSR13J395K* 10 C 1.5 3 5160 5360 5560 5760 6393 +7393 +8393 4.7 CSR13J475K* 10 C 2.5 3 5162 5362 5562 5762 6395 +7395 +8395 4.7 CSR13J475M* 20 C 2.5 3 5163 5363 5563 5763 6396 +7396 +8396 5.6 CSR13J565K* 10 C 2.5 3 5165 5365 5565 5765 6398 +7398 +8398 6.8 CSR13J685K* 10 C 2.5 3 5167 5367 5567 5767 6400 +7400 +8400 6.8 CSR13J685M* 20 C 2.5 3 5168 5368 5568 5768 6401 +7401 +8401 |