Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP80390 Datasheet(PDF) 50 Page - Digital Core Design

No. de pieza DP80390
Descripción Electrónicos  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DCD [Digital Core Design]
Página de inicio  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 50 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 46Page - Digital Core Design DP80390 Datasheet HTML 47Page - Digital Core Design DP80390 Datasheet HTML 48Page - Digital Core Design DP80390 Datasheet HTML 49Page - Digital Core Design DP80390 Datasheet HTML 50Page - Digital Core Design DP80390 Datasheet HTML 51Page - Digital Core Design DP80390 Datasheet HTML 52Page - Digital Core Design DP80390 Datasheet HTML 53Page - Digital Core Design DP80390 Datasheet HTML 54Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
DP80390 Instructions set details
- 50 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.22.2.
FLAT
Instruction:
LCALL addr24
Function:
Long call
Description:
LCALL calls a subroutine located at the indicated address. The
instruction adds four to the program counter to generate the address of
the next instruction and then pushes the 24-bit result onto the stack (low
byte first), incrementing the stack pointer by three. The high-order and
low-order bytes of the PC are then loaded, respectively, with the
second, third and fourth bytes of the LCALL instruction. Program
execution continues with the instruction at this address. The subroutine
may therefore begin anywhere in the full 16 MB program memory
address space. No flags are affected.
Operation:
(PC)
← (PC) + 4
(SP)
← (SP) + 1
((SP))
← (PC7-0)
(SP)
← (SP) + 1
((SP))
← (PC15-8)
(SP)
← (SP) + 1
((SP))
← (PC23-16)
(PC)
← addr23-0
Bytes:
4
Cycles:
6
Encoding:
0
0
0
1
0
0
1
0
address 23..16
address 15..8
address 7..0
* instruction modified regarding to standard 80C51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84