Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

T80C5112-RKRCL Datasheet(PDF) 55 Page - ATMEL Corporation

No. de pieza T80C5112-RKRCL
Descripción Electrónicos  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKRCL Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button T80C5112-RKRCL Datasheet HTML 51Page - ATMEL Corporation T80C5112-RKRCL Datasheet HTML 52Page - ATMEL Corporation T80C5112-RKRCL Datasheet HTML 53Page - ATMEL Corporation T80C5112-RKRCL Datasheet HTML 54Page - ATMEL Corporation T80C5112-RKRCL Datasheet HTML 55Page - ATMEL Corporation T80C5112-RKRCL Datasheet HTML 56Page - ATMEL Corporation T80C5112-RKRCL Datasheet HTML 57Page - ATMEL Corporation T80C5112-RKRCL Datasheet HTML 58Page - ATMEL Corporation T80C5112-RKRCL Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 97 page
background image
Rev. B - November 10, 2000
55
Preliminary
T80C5112
Figure 24. PCA Capture Mode
13.2. 16-bit Software Timer / Compare Mode
The PCA modules can be used as software timers by setting both the ECOM and MAT bits in the modules
CCAPMn register. The PCA timer will be compared to the module's capture registers and when a match occurs
an interrupt will occur if the CCFn (CCON SFR) and the ECCFn (CCAPMn SFR) bits for the module are both
set (See Figure 25).
CF
CR
CCON
0xD8
CH
CL
CCAPnH
CCAPnL
CCF4
CCF3
CCF2
CCF1
CCF0
PCA IT
PCA Counter/Timer
ECOMn
CCAPMn, n= 0 to 4
0xDA to 0xDE
CAPNn MATn
TOGn PWMn ECCFn
CAPPn
Cex.n
Capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97