| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL064CD Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TL064CD Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 14 page ![]() Schematic diagram TL064 2/14 1 Schematic diagram Figure 1. Circuit schematics Non-inverting Input Inverting Input Output VCC 1/4 TL064 4.2k Ω 100 Ω 45k Ω 220 Ω 64 Ω 270 Ω 3.2k Ω VCC |