Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLZB0 Datasheet(PDF) 54 Page - Numonyx B.V

No. de pieza PC48F4400PLZB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLZB0 Datasheet(HTML) 54 Page - Numonyx B.V

Back Button PC48F4400PLZB0 Datasheet HTML 50Page - Numonyx B.V PC48F4400PLZB0 Datasheet HTML 51Page - Numonyx B.V PC48F4400PLZB0 Datasheet HTML 52Page - Numonyx B.V PC48F4400PLZB0 Datasheet HTML 53Page - Numonyx B.V PC48F4400PLZB0 Datasheet HTML 54Page - Numonyx B.V PC48F4400PLZB0 Datasheet HTML 55Page - Numonyx B.V PC48F4400PLZB0 Datasheet HTML 56Page - Numonyx B.V PC48F4400PLZB0 Datasheet HTML 57Page - Numonyx B.V PC48F4400PLZB0 Datasheet HTML 58Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
54
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
By contrast, a write bus cycle may not interrupt a 2-cycle write sequence. Doing so
causes a command sequence error to appear in the Status Register. Figure 25
illustrates a command sequence error.
Figure 23: Normal Write and Read Cycles
Figure 24: Interleaving a 2-Cycle Write Sequence with an Array Read
Partition A
Partition A
Partition A
20h
D0h
FFh
Block Erase Setup
Block Erase Conf irm
Read Array
Address [A]
WE# [W]
OE# [G]
Data [Q]
Partition B
Partition A
Partition B
Partition A
FFh
20h
Array Data
D0h
Read Array
Erase Setup
Bus Read
Erase Conf irm
Address [A]
WE# [W]
OE# [G]
Data [Q]
Figure 25: Improper Command Sequencing
Partition X
Partitio n Y
Partition X
Partition X
20h
FFh
D0h
SR Data
Address [A]
WE# [W]
OE# [G]
Data [D/Q]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com