Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLVB0 Datasheet(PDF) 88 Page - Numonyx B.V

No. de pieza PC48F4400PLVB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLVB0 Datasheet(HTML) 88 Page - Numonyx B.V

Back Button PC48F4400PLVB0 Datasheet HTML 84Page - Numonyx B.V PC48F4400PLVB0 Datasheet HTML 85Page - Numonyx B.V PC48F4400PLVB0 Datasheet HTML 86Page - Numonyx B.V PC48F4400PLVB0 Datasheet HTML 87Page - Numonyx B.V PC48F4400PLVB0 Datasheet HTML 88Page - Numonyx B.V PC48F4400PLVB0 Datasheet HTML 89Page - Numonyx B.V PC48F4400PLVB0 Datasheet HTML 90Page - Numonyx B.V PC48F4400PLVB0 Datasheet HTML 91Page - Numonyx B.V PC48F4400PLVB0 Datasheet HTML 92Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
88
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
3.
All partitions default to Read Array mode at power-up. A Read Array command issued to a busy partition results in
undermined data when a partition address is read.
4.
Both cycles of 2 cycles commands should be issued to the same partition address. If they are issued to different partitions,
the second write determines the active partition. Both partitions will output status information when read.
5.
If the WSM is active, both cycles of a 2 cycle command are ignored. This differs from previous Numonyx devices.
6.
The Clear Status command clears Status Register error bits except when the WSM is running (Pgm Busy, Erase Busy, Pgm
Busy In Erase Suspend, OTP Busy, EFP modes) or suspended (Erase Suspend, Pgm Suspend, Pgm Suspend In Erase
Suspend).
7.
EFP writes are allowed only when Status Register bit SR.0 = 0. EFP is busy if Block Address = address at EFP Confirm
command. Any other commands are treated as data.
8.
The "current state" is that of the WSM, not the partition.
9.
Confirm commands (Lock Block, Unlock Block, Lock-down Block, Configuration Register) perform the operation and then
move to the Ready State.
10.
In Erase suspend, the only valid two cycle commands are "Program Word", "Lock/Unlock/Lockdown Block", and "CR
Write". Both cycles of other two cycle commands ("OEM CAM program & confirm", "Program OTP & confirm", "EFP Setup &
confirm", "Erase setup & confirm") will be ignored. In Program suspend or Program suspend in Erase suspend, both cycles
of all two cycle commands will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com