| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STFPC320 Datasheet(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STFPC320 Datasheet(HTML) 32 Page - STMicroelectronics |
|
32 / 78 page ![]() Real-time clock (RTC) operation STFPC320 32/78 6.11 Initial power-on defaults Upon application of power to the device, the register bits in the RTC will initially power-on in the state indicated in Table 8. Note: All other control bits power-up in an undetermined state. The user should write the OF bit to a 0 after 4s (after the oscillator has started up and the clock is stable). If the OFIE is to be enabled, then write a ‘1’ to the OFIE bit in the RTC register. Table 8. Initial power-on default values of the registers ST OF OFIE OUT AFE SQWE RS3-1 RS0 Watchdog 01 0 1 0 0 0 1 0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |