Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M74HCT132 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza M74HCT132
Descripción Electrónicos  QUAD 2-INPUT SCHMITT NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT132 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT132_01 Datasheet HTML 1Page - STMicroelectronics M74HCT132_01 Datasheet HTML 2Page - STMicroelectronics M74HCT132_01 Datasheet HTML 3Page - STMicroelectronics M74HCT132_01 Datasheet HTML 4Page - STMicroelectronics M74HCT132_01 Datasheet HTML 5Page - STMicroelectronics M74HCT132_01 Datasheet HTML 6Page - STMicroelectronics M74HCT132_01 Datasheet HTML 7Page - STMicroelectronics M74HCT132_01 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2001
s
HIGH SPEED:
tPD = 19ns (TYP.) at VCC = 4.5V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY :
VH = 0.7V (TYP) at Vcc = 4.5V
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 132
DESCRIPTION
The M74HCT132 is an high speed CMOS QUAD
2-INPUT SCHMITT NAND GATE fabricated with
silicon gate C2MOS technology.
Pin configuration and function are the same as
those
of
the
M74HCT00.
The
hysteresis
characteristics (around 20% Vcc) of all inputs allow
slowly changing input signals to be transformed
into sharply defined jitter-free output signals.
The M74HCT132 is designed to directly interface
HSC2MOS
systems
with
TTL
and
NMOS
components.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCT132
QUAD 2-INPUT SCHMITT NAND GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT132B1R
SOP
M74HCT132M1R
M74HCT132RM13TR
TSSOP
M74HCT132TTR
TSSOP
DIP
SOP


Número de pieza similar - M74HCT132_01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M74HCT132B1R STMICROELECTRONICS-M74HCT132B1R Datasheet
49Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Jun-1998
M74HCT132M1R STMICROELECTRONICS-M74HCT132M1R Datasheet
49Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Jun-1998
More results

Descripción similar - M74HCT132_01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VHCT132A STMICROELECTRONICS-74VHCT132A Datasheet
53Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Feb-2000
M54HC132 STMICROELECTRONICS-M54HC132 Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
49Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Jun-1998
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F Datasheet
209Kb / 5P
QUAD 2-INPUT SCHMITT NAND GATE
logo
STMicroelectronics
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
180Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
March 2002
logo
Toshiba Semiconductor
TC74HC132AP TOSHIBA-TC74HC132AP_07 Datasheet
267Kb / 8P
Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_07 Datasheet
258Kb / 10P
Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
74VHC132 STMICROELECTRONICS-74VHC132_04 Datasheet
235Kb / 11P
QUAD 2-INPUT SCHMITT NAND GATE
12-Nov-2004
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_12 Datasheet
216Kb / 9P
Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_V01 Datasheet
273Kb / 5P
QUAD 2-INPUT SCHMITT NAND GATE
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com