| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STWD100PWWY3F Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STWD100PWWY3F Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 25 page ![]() STWD100 Maximum ratings 15/25 4 Maximum ratings Stressing the device above the rating listed in Table 2 may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 2. Absolute maximum ratings Symbol Parameter Value Unit TSTG Storage temperature (VCC off) –55 to 150 °C TSLD (1) 1. Reflow at peak temperature of 260 °C (total thermal budget not to exceed 245 °C for greater than 30 seconds). Lead solder temperature for 10 seconds 260 °C VIO Input or output voltage –0.3 to VCC +0.3 V VCC Supply voltage –0.3 to 7.0 V IO Output current 20 mA PD Power dissipation 320 mW |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |