Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ZFVG07C2 Datasheet(PDF) 1 Page - SunLED Corporation

No. de pieza ZFVG07C2
Descripción Electrónicos  SURFACE MOUNT DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNLED [SunLED Corporation]
Página de inicio  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZFVG07C2 Datasheet(HTML) 1 Page - SunLED Corporation

  ZFVG07C2 Datasheet HTML 1Page - SunLED Corporation ZFVG07C2 Datasheet HTML 2Page - SunLED Corporation ZFVG07C2 Datasheet HTML 3Page - SunLED Corporation ZFVG07C2 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : MAR 04,2008
Drawing No : SDSA5337
V4
Checked : Shin Chi
P.1/4
Part Number:
ZFVG07C2
SURFACE MOUNT DISPLAY
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
ZFVG07C2
Green
InGaAlP
1900
10990
574
Common Cathode, Rt. Hand Decimal
Features
● 0.3 INCH DIGIT HEIGHT.
● LOW CURRENT OPERATION.
● EXCELLENT CHARACTER APPEARANCE.
● I.C. COMPATIBLE.
● MECHANICALLY RUGGED.
● GRAY FACE,WHITE SEGMENT.
● PACKAGE : 300PCS / REEL.
● MOISTURE SENSITIVITY LEVEL : LEVEL 4.
● RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. The gap between the reflector and PCB shall not exceed 0.25mm.
4. Specifications are subject to change without notice.
VG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
2.0
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=10mA)
λ P
574
nm
Wavelength of Dominant
Emission (Typ.)
(IF=10mA)
λ D
570
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
Absolute Maximum Ratings
(TA=25°C)
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
R.
CHE
N
數位簽署者:R.
CHEN
DN:cn=R.
CHEN, o=SPEC
專用, ou=SPEC專
用,
email=fangdh@c
n.kingbright.com,
c=<無>
日期︰2008.03.04
19:14:51 +08'00'


Número de pieza similar - ZFVG07C2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SunLED Corporation
ZFVG07C SUNLED-ZFVG07C Datasheet
202Kb / 4P
SURFACE MOUNT DISPLAY
More results

Descripción similar - ZFVG07C2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
APPDA04-41SGWA KINGBRIGHT-APPDA04-41SGWA Datasheet
127Kb / 5P
SURFACE MOUNT DISPLAY
APSC56-21 KINGBRIGHT-APSC56-21 Datasheet
111Kb / 5P
SURFACE MOUNT DISPLAY
logo
SunLED Corporation
XZDVG05C2 SUNLED-XZDVG05C2 Datasheet
197Kb / 3P
SURFACE MOUNT DISPLAY
logo
Everlight Electronics C...
EADSF056GA2 EVERLIGHT-EADSF056GA2 Datasheet
370Kb / 9P
Display  Surface-mount
May 22, 2014
EADSF056RA1 EVERLIGHT-EADSF056RA1 Datasheet
366Kb / 9P
Display  Surface-mount
EADSS056BA2 EVERLIGHT-EADSS056BA2 Datasheet
350Kb / 9P
Display  Surface-mount
EADSS056GA1 EVERLIGHT-EADSS056GA1 Datasheet
348Kb / 9P
Display  Surface-mount
EADSS056RA1 EVERLIGHT-EADSS056RA1 Datasheet
347Kb / 9P
Display  Surface-mount
EADSS020BA0 EVERLIGHT-EADSS020BA0 Datasheet
308Kb / 9P
Display ??Surface-mount
EADSS020GA2 EVERLIGHT-EADSS020GA2 Datasheet
648Kb / 9P
Display ??Surface-mount
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com