| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L78L12ACZ Datasheet(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L12ACZ Datasheet(HTML) 27 Page - STMicroelectronics |
|
27 / 29 page ![]() L78LxxAB - L78LxxAC - L78LxxC Order codes 27/29 8 Order codes Table 23. Order codes Part numbers Packaging Output voltage SO-8 TO92 (BAG) (1) 1. Available in Ammopak with the suffix "-AP" or in Tape & Reel with the suffix "TR". Please note that in these cases pins are shaped according to Tape & Reel specifications. SOT-89 L78L33C L78L33CD-TR 3.3 V L78L33AC L78L33ACD13TR L78L33ACZ L78L33ACUTR 3.3 V L78L33AB L78L33ABD-TR L78L33ABZ L78L33ABUTR 3.3 V L78L05C L78L05CD13TR L78L05CZ 5 V L78L05AC L78L05ACD13TR L78L05ACZ L78L05ACUTR 5 V L78L05AB L78L05ABD13TR L78L05ABZ L78L05ABUTR 5 V L78L06AC L78L06ACD13TR L78L06ACZ L78L06ACUTR 6 V L78L06AB L78L06ABD13TR L78L06ABZ L78L06ABUTR 6 V L78L08C L78L08CD13TR 8 V L78L08AC L78L08ACD13TR L78L08ACZ L78L08ACUTR 8 V L78L08AB L78L08ABD13TR L78L08ABZ L78L08ABUTR 8 V L78L09C L78L09CD13TR 9 V L78L09AC L78L09ACD13TR L78L09ACZ L78L09ACUTR 9 V L78L09AB L78L09ABD13TR L78L09ABZ L78L09ABUTR 9 V L78L10AC L78L10ACUTR 10 V L78L12C L78L12CD13TR 12 V L78L12AC L78L12ACD13TR L78L12ACZ L78L12ACUTR 12 V L78L12AB L78L12ABD-TR L78L12ABZ L78L12ABUTR 12 V L78L15C L78L15CD-TR 15 V L78L15AC L78L15ACD13TR L78L15ACZ L78L15ACUTR 15 V L78L15AB L78L15ABZ L78L15ABUTR 15 V L78L18C L78L18CD13TR 18 V L78L18AC L78L18ACD13TR L78L18ACUTR 18 V L78L24C L78L24CD-TR 24 V L78L24AC L78L24ACD-TR L78L24ACZ L78L24ACUTR 24 V L78L24AB L78L24ABD13TR L78L24ABZ L78L24ABUTR 24 V |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |