| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
APXYY Datasheet(PDF) 13 Page - Advanced Analogic Technologies |
|
|
|||||||||||||||||||||||||||||
APXYY Datasheet(HTML) 13 Page - Advanced Analogic Technologies |
|
13 / 16 page ![]() AAT3221/2 150mA NanoPower™ LDO Linear Regulator PowerLinearTM PRODUCT DATASHEET 3221.2007.11.1.12 13 www .analogictech.com The power dissipation for a 150mA load occurring for 8.2% of the duty cycle will be 20.9mW. Finally, the two power dissipation levels can summed to determine the total true power dissipation under the varied load: PD(total) = PD(100mA) + PD(150mA) PD(total) = 229.5mW + 30.75mW PD(total) = 260.25mW The maximum power dissipation for the AAT3221/2 operating at an ambient temperature of 85°C is 267mW. The device in this example will have a total power dis- sipation of 260.25mW. This is within the thermal limits for safe operation of the device. Printed Circuit Board Layout Recommendations In order to obtain the maximum performance from the AAT3221/2 LDO regulator, very careful attention must be considered in regard to the printed circuit board lay- out. If grounding connections are not properly made, power supply ripple rejection and LDO regulator tran- sient response can be compromised. The LDO regulator external capacitors CIN and COUT should be connected as directly as possible to the ground pin of the LDO regulator. For maximum performance with the AAT3221/2, the ground pin connection should then be made directly back to the ground or common of the source power supply. If a direct ground return path is not possible due to printed circuit board layout limita- tions, the LDO ground pin should then be connected to the common ground plane in the application layout. |