| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PM6680 Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM6680 Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 49 page ![]() PM6680 Electrical data 7/49 2 Electrical data 2.1 Maximum rating 2.2 Thermal data Table 2. Absolute maximum ratings Parameter Value Unit V5SW, LDO5 to PGND -0.3 to 6 V VIN to PGND -0.3 to 36 V HGATEx and BOOTx, to PHASEx -0.3 to 6 V PHASEx to PGND -0.6 (1) to36 1. PHASE to PGND up to -2.5 V for t<10 ns V CSENSEx , to PGND -0.6 to 42 V CSENSEx to BOOTx -6 to 0.3 V LGATEx to PGND -0.3 (2) to LDO5 +0.3 2. LGATEx to PGND up to -1 V for t<40 ns V FBx, COMPx, SKIP, , FSEL,VREF to SGND1,SGND2 -0.3 to Vcc +0.3 V PGND to SGND1,SGND2 -0.3 to 0.3 V SHDN,PGOODx, OUTx, VCC, ENx to SGND1,SGND2 -0.3 to 6 V Power dissipation at TA = 25ºC 2.8 W Maximum withstanding voltage range test condition: CDF-AEC-Q100-002- “Human Body Model” acceptance criteria: “Normal Performance” VIN ±1000 V Other pins ±2000 Table 3. Thermal data Symbol Parameter Value Unit RthJA Thermal resistance junction to ambient 35 °C/W TSTG Storage temperature range -50 to 150 °C TJ Junction operating temperature range -40 to 125 °C TA Operating ambient temperature range -40 to 85 °C |