| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RHFL4913SCA1 Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RHFL4913SCA1 Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 19 page ![]() Packaging RHFL4913 16/19 9 Packaging The RHFL4913 adjustable voltage regulator is available in a high thermal dissipation 16-pin hermetic Flat package, the bottom flange of which is metallized to allow direct soldering to a heat sink (efficient thermal conductivity). The device is also available in the SMD5C hermetic ceramic package. |