Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RHFL4913SCA2 Datasheet(PDF) 15 Page - STMicroelectronics

No. de pieza RHFL4913SCA2
Descripción Electrónicos  Rad-hard adjustable positive voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913SCA2 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button RHFL4913SCA2 Datasheet HTML 11Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 12Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 13Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 14Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 15Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 16Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 17Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 18Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
RHFL4913
Die information
15/19
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A2.84
3.00
3.15
0.112
0.118
0.124
A1
0.25
0.38
0.51
0.010
0.015
0.020
b
7.13
7.26
7.39
0.281
0.286
0.291
b14.95
5.08
5.21
0.195
0.200
0.205
b2
2.28
2.41
2.54
0.090
0.095
0.100
b3
2.92
3.05
3.18
0.115
0.120
0.125
D13.71
13.8413.97
0.540
0.545
0.550
D1
0.76
0.030
E7.39
7.52
7.65
0.291
0.2960.301
e1.91
0.075
SMD5C mechanical data
7924296B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19