| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMP100LC-270 Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMP100LC-270 Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 12 page ![]() SMP100LC Characteristics 3/12 Table 3. Thermal Resistances Symbol Parameter Value Unit Rth(j-a) Junction to ambient (with recommended footprint) 100 ° C/W Rth(j-l) Junction to leads 20 ° C/W Table 4. Electrical Characteristics (Tamb = 25° C) Symbol Parameter VRM Stand-off voltage VBR Breakdown voltage VBO Breakover voltage IRM Leakage current IPP Peak pulse current IBO Breakover current IH Holding current VR Continuous reverse voltage IR Leakage current at VR C Capacitance Type IRM @ VRM IR @ VR (1) 1. IR measured at VR guarantee VBR min ≥ VR Dynamic VBO (2) 2. See Figure 15: Test circuit 1 for Dynamic IBO and VBO parameters Static VBO @ IBO (3) 3. See Figure 16: Test circuit 2 for IBO and VBO parameters IH (4) 4. See Figure 17: Test circuit 3 for dynamic IH parameter C(5) 5. VR = 50 V bias, VRMS =1 V, F = 1 MHz C(6) 6. VR = 2V bias, VRMS =1 V, F = 1 MHz max. max. max. max. max. min. typ. typ. µA V µA V V V mA mA pF pF SMP100LC-8 2 6 5 825 15 800 50 (typ.) NA 75 SMP100LC-25 22 25 40 35 150 NA 65 SMP100LC-35 32 35 55 55 NA 55 SMP100LC-65 55 65 85 85 45 90 SMP100LC-90 81 90 120 125 40 80 SMP100LC-120 108 120 155 150 35 75 SMP100LC-140 126 140 180 175 30 65 SMP100LC-160 144 160 205 200 30 65 SMP100LC-200 180 200 255 250 30 60 SMP100LC-230 207 230 295 285 30 60 SMP100LC-270 243 270 345 335 30 60 SMP100LC-320 290 320 400 390 25 50 SMP100LC-360 325 360 460 450 25 50 SMP100LC-400 360 400 540 530 20 45 |