| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LFEC3 Datasheet(PDF) 21 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LFEC3 Datasheet(HTML) 21 Page - Lattice Semiconductor |
|
21 / 163 page ![]() 2-18 Architecture Lattice Semiconductor LatticeECP/EC Family Data Sheet MULTADDSUM sysDSP Element In this case, the operands A0 and B0 are multiplied and the result is added/subtracted with the result of the multi- plier operation of operands A1 and B1. Additionally the operands A2 and B2 are multiplied and the result is added/ subtracted with the result of the multiplier operation of operands A3 and B3. The result of both addition/subtraction are added in a summation block. The user can enable the input, output and pipeline registers. Figure 2-22 shows the MULTADDSUM sysDSP element. Figure 2-22. MULTADDSUM Clock, Clock Enable and Reset Resources Global Clock, Clock Enable and Reset signals from routing are available to every DSP block. Four Clock, Reset and Clock Enable signals are selected for the sysDSP block. From four clock sources (CLK0, CLK1, CLK2, CLK3) one clock is selected for each input register, pipeline register and output register. Similarly Clock enable (CE) and Reset (RST) are selected from their four respective sources (CE0, CE1, CE2, CE3 and RST0, RST1, RST2, RST3) at each input register, pipeline register and output register. Multiplier Add/Sub0 x n m m+n (default) m+n (default) m+n+1 m+n+2 m+n+2 m+n+1 m+n (default) m+n (default) m n m n m n n m x n n m n n m Multiplier Multiplier Multiplier Add/Sub1 x n m m n m n m n n m x n m m n m n n m SUM Multiplier B0 Multiplicand A0 Multiplier B1 Multiplicand A1 Multiplier B2 Multiplicand A2 Multiplier B3 Multiplicand A3 Signed Shift Register B In Output Addn0 Pipeline Register CLK (CLK0,CLK1,CLK2,CLK3) CE (CE0,CE1,CE2,CE3) RST(RST0,RST1,RST2,RST3) Input Register Pipeline Register Input Register To Add/Sub0 To Add/Sub0, Add/Sub1 Pipeline Register Pipeline Register Input Register To Add/Sub1 Addn1 Pipeline Register Pipeline Register Pipeline Register Shift Register A In Shift Register B Out Shift Register A Out Input Data Register A Input Data Register A Input Data Register A Input Data Register A Input Data Register B Input Data Register B Input Data Register B Input Data Register B |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |