Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6202PC02PR Datasheet(PDF) 30 Page - Torex Semiconductor

No. de pieza XC6202PC02PR
Descripción Electrónicos  High Voltage Positive Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202PC02PR Datasheet(HTML) 30 Page - Torex Semiconductor

Back Button XC6202PC02PR Datasheet HTML 24Page - Torex Semiconductor XC6202PC02PR Datasheet HTML 25Page - Torex Semiconductor XC6202PC02PR Datasheet HTML 26Page - Torex Semiconductor XC6202PC02PR Datasheet HTML 27Page - Torex Semiconductor XC6202PC02PR Datasheet HTML 28Page - Torex Semiconductor XC6202PC02PR Datasheet HTML 29Page - Torex Semiconductor XC6202PC02PR Datasheet HTML 30Page - Torex Semiconductor XC6202PC02PR Datasheet HTML 31Page - Torex Semiconductor XC6202PC02PR Datasheet HTML 32Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30/32
XC6202 Series
MARK
PRODUCT SERIES
P
XC6202Pxxxxx
MARK
VOLTAGE (V)
PRODUCT SERIES
MARK
VOLTAGE (V)
PRODUCT SERIES
1
1.x
XC6202P1xxxx
A
10.x
XC6202PAxxxx
2
2.x
XC6202P2xxxx
B
11.x
XC6202PBxxxx
3
3.x
XC6202P3xxxx
C
12.x
XC6202PCxxxx
4
4.x
XC6202P4xxxx
D
13.x
XC6202PDxxxx
5
5.x
XC6202P5xxxx
E
14.x
XC6202PExxxx
6
6.x
XC6202P6xxxx
F
15.x
XC6202PFxxxx
7
7.x
XC6202P7xxxx
G
16.x
XC6202PGxxxx
8
8.x
XC6202P8xxxx
H
17.x
XC6202PHxxxx
9
9.x
XC6202P9xxxx
J
18.x
XC6202PJxxxx
MARK
VOLTAGE (V)
PRODUCT SERIES
3
x.3
XC6202Px3xxx
0
x.0
XC6202Px0xxx
MARK
DETECT VOLTAGE ACCURACY
PRODUCT SERIES
2
Within
±2%
XC6202Pxx2xx
1
Within
±1%
XC6202Pxx1xx
MARK
PRODUCTION YEAR
3
2003
4
2004
●TO-92 (T TYPE)
①Represents type of regulator
⑤Represents a least significant digit of production year
⑥Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
Note: No character inversion used.
②Represents integer of the output voltage
④Represents detect voltage accuracy
③Represents decimal number of output voltage
■MARKING RULE(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com