| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STV6412B Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV6412B Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 32 page ![]() Application diagram STV6412B 28/32 5 Application diagram Note: The application diagram presented here is an example only and is subject to change without notice. The real application diagram will depend on application conditions and constraints. Figure 20. STV6412B application diagram Modulator 4.43 MHz Trap STV6412B FBOUT_TV FBIN_VCR FBIN_ENC NC VDD ADD SCL SDA GND IT_OUT SLB_TV R/CIN_VCR SLB_VCR GIN_VCR VCC12 BIN_VCR ROUT_TV VCCAO LOUT_VCR ROUT_VCR LOUT_CINCH ROUT_CINCH NC GNDA VCCA RIN_TV LIN_TV CVBSIN_TV RIN_VCR LIN_VCR Y/CVBSIN_VCR GND CVBS Input Audio L Input Audio R Input AUX VCC |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |