| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STW5098 Datasheet(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW5098 Datasheet(HTML) 55 Page - STMicroelectronics |
|
55 / 86 page ![]() Audio interfaces STw5098 54/85 7 Audio interfaces Information included in the following section is valid for both entities. Figure 9. Audio interfaces formats: delayed, left and right justified 1 2 n-1 n MSB LSB 1 2 n-1 n MSB LSB 1 2 n-1 n MSB LSB 1 2 n-1 n MSB LSB 1 AD_CK/DA_CK 1 AD_CK/DA_CK n-bit word Left data I2S format (delayed) with default polarity settings, ADHIZ=0 Left justified format with default polarity settings, ADHIZ=0 n-bit word Left data n-bit word Right data n-bit word Right data 1 2 n-1 n MSB LSB 1 2 n-1 n MSB LSB 1 2 n-1 n MSB LSB 1 2 n-1 n MSB LSB n-bit word Left data n-bit word Left data n-bit word Right data n-bit word Right data 1 2 n-1 n MSB LSB 1 2 n-1 n MSB LSB 1 2 n-1 n MSB LSB 1 2 n-1 n MSB LSB n-bit word Left data Right justified format with default polarity settings n-bit word Left data n-bit word Right data n-bit word Right data 32 AD_CK/DA_CK 32 AD_CK/DA_CK DA_SYNC/ AD_SYNC DA_DATA AD_DATA DA_CK/ AD_CK DA_SYNC/ AD_SYNC DA_DATA AD_DATA DA_CK/ AD_CK DA_SYNC/ AD_SYNC DA_DATA AD_DATA DA_CK/ AD_CK |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |