Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STW52000K/HF Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STW52000K/HF
Descripción Electrónicos  24-bit, 103 dB SNR audio DAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW52000K/HF Datasheet(HTML) 2 Page - STMicroelectronics

  STW52000K/HF Datasheet HTML 1Page - STMicroelectronics STW52000K/HF Datasheet HTML 2Page - STMicroelectronics STW52000K/HF Datasheet HTML 3Page - STMicroelectronics STW52000K/HF Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2008
Rev 1
1/3
3
STw5200
24-bit, 103 dB SNR audio DAC
Features
■ DAC
– 24-bit audio DAC
– 103 dB dynamic range
– Asynchronous DAC path with 8 to 48kHz
sampling rate
■ Supply
– Direct connection to the battery thanks to
integrated power management
■ Inputs
–I2S digital input
■ Analog output drivers
– Stereo headset amplifier:
- ‘True ground’ output amplifier (no coupling
capacitor)
- Driving capacity: 2 x 50 mW over 32
Ω up
to 2 x 80 mW over 32
Ω
- Plug detection
- Click/pop suppression
Description
The STw5200 is a 24-bit high performance DAC
for mobile handset application with 103 dB
dynamic range for the whole audio path.
The device can be driven either by the system
clock or by the 32 kHz RTC clock.
STw5200 is very easy to integrate and thanks to
its embedded power management, it can be
directly connected to the battery.
The device foot print is very small as the EBOM is
reduced to a few components. The 50 mW
headset amplifier is of “True-ground” type (no
coupling capacitor).
TFBGA-40 4x4x1.2 mm, 0.5 mm pitch
VFQFPN-44 7x7x1.0 mm, 0.5 mm pitch
WLCSP-36 2.55x2.55x0.65 mm, 0.4 mm pitch
www.st.com



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com