| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST6208CB1 Datasheet(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6208CB1 Datasheet(HTML) 61 Page - STMicroelectronics |
|
61 / 104 page ![]() ST6208C/ST6209C/ST6210C/ST6220C 61/104 Opcode Map Summary (Continued) LOW 8 1000 9 1001 A 1010 B 1011 C 1100 D 1101 E 1110 F 1111 LOW HI HI 0 0000 2 JRNZ 4 JP 2 JRNC 4 RES 2 JRZ 4 LDI 2 JRC 4 LD 0 0000 e abc e b0,rr e rr,nn e a,(y) 1pcr 2 ext 1pcr 2 b.d 1 pcr 3 imm 1prc 1 ind 1 0001 2 JRNZ 4 JP 2 JRNC 4 SET 2 JRZ 4 DEC 2 JRC 4 LD 1 0001 e abc e b0,rr e x e a,rr 1pcr 2 ext 1pcr 2 b.d 1 pcr 1 sd 1 prc 2 dir 2 0010 2 JRNZ 4 JP 2 JRNC 4 RES 2 JRZ 4 COM 2 JRC 4 CP 2 0010 e abc e b4,rr e a e a,(y) 1pcr 2 ext 1pcr 2 b.d 1 pcr 1prc 1 ind 3 0011 2 JRNZ 4 JP 2 JRNC 4 SET 2 JRZ 4 LD 2 JRC 4 CP 3 0011 e abc e b4,rr e x,a e a,rr 1pcr 2 ext 1pcr 2 b.d 1 pcr 1 sd 1 prc 2 dir 4 0100 2 JRNZ 4 JP 2 JRNC 4 RES 2 JRZ 2 RETI 2 JRC 4 ADD 4 0100 e abc e b2,rr e e a,(y) 1pcr 2 ext 1pcr 2 b.d 1 pcr 1 inh 1prc 1 ind 5 0101 2 JRNZ 4 JP 2 JRNC 4 SET 2 JRZ 4 DEC 2 JRC 4 ADD 5 0101 e abc e b2,rr e y e a,rr 1pcr 2 ext 1pcr 2 b.d 1 pcr 1 sd 1 prc 2 dir 6 0110 2 JRNZ 4 JP 2 JRNC 4 RES 2 JRZ 2 STOP 2 JRC 4 INC 6 0110 e abc e b6,rr e e (y) 1pcr 2 ext 1pcr 2 b.d 1 pcr 1 inh 1prc 1 ind 7 0111 2 JRNZ 4 JP 2 JRNC 4 SET 2 JRZ 4 LD 2 JRC 4 INC 7 0111 e abc e b6,rr e y,a e rr 1pcr 2 ext 1pcr 2 b.d 1 pcr 1 sd 1 prc 2 dir 8 1000 2 JRNZ 4 JP 2 JRNC 4 RES 2 JRZ 2 JRC 4 LD 8 1000 e abc e b1,rr e # e (y),a 1pcr 2 ext 1pcr 2 b.d 1 pcr 1prc 1 ind 9 1001 2 JRNZ 4 JP 2 JRNC 4 SET 2 JRZ 4 DEC 2 JRC 4 LD 9 1001 e abc e b1,rr e v e rr,a 1pcr 2 ext 1pcr 2 b.d 1 pcr 1 sd 1 prc 2 dir A 1010 2 JRNZ 4 JP 2 JRNC 4 RES 2 JRZ 4 RCL 2 JRC 4 AND A 1010 e abc e b5,rr e a e a,(y) 1pcr 2 ext 1pcr 2 b.d 1 pcr 1 inh 1prc 1 ind B 1011 2 JRNZ 4 JP 2 JRNC 4 SET 2 JRZ 4 LD 2 JRC 4 AND B 1011 e abc e b5,rr e v,a e a,rr 1pcr 2 ext 1pcr 2 b.d 1 pcr 1 sd 1 prc 2 dir C 1100 2 JRNZ 4 JP 2 JRNC 4 RES 2 JRZ 2 RET 2 JRC 4 SUB C 1100 e abc e b3,rr e e a,(y) 1pcr 2 ext 1pcr 2 b.d 1 pcr 1 inh 1prc 1 ind D 1101 2 JRNZ 4 JP 2 JRNC 4 SET 2 JRZ 4 DEC 2 JRC 4 SUB D 1101 e abc e b3,rr e w e a,rr 1pcr 2 ext 1pcr 2 b.d 1 pcr 1 sd 1 prc 2 dir E 1110 2 JRNZ 4 JP 2 JRNC 4 RES 2 JRZ 2 WAIT 2 JRC 4 DEC E 1110 e abc e b7,rr e e (y) 1pcr 2 ext 1pcr 2 b.d 1 pcr 1 inh 1prc 1 ind F 1111 2 JRNZ 4 JP 2 JRNC 4 SET 2 JRZ 4 LD 2 JRC 4 DEC F 1111 e abc e b7,rr e w,a e rr 1pcr 2 ext 1pcr 2 b.d 1 pcr 1 sd 1 prc 2 dir Abbreviations for Addressing Modes: Legend: dir Direct # Indicates Illegal Instructions sd Short Direct e 5-bit Displacement imm Immediate b 3-bit Address inh Inherent rr 1-byte Data space address ext Extended nn 1-byte immediate data b.d Bit Direct abc 12-bit address bt Bit Test ee 8-bit Displacement pcr Program Counter Relative ind Indirect 2 JRC e 1prc Mnemonic Addressing Mode Bytes Cycles Operands 1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |