| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M24C08RMB3TP Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C08RMB3TP Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 34 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 Package mechanical 29/34 Figure 16. TSSOP8 3 x 3 mm – 8 lead thin shrink small outline, 3 x 3 mm body size, package outline 1. Drawing is not to scale. 2. The circle in the top view of the package indicates the position of pin 1. Table 21. TSSOP8 3 x 3 mm – 8 lead thin shrink small outline, 3 x 3 mm body size, mechanical data Symbol millimeters inches Typ Min Max Typ Min Max A 1.10 0.0433 A1 0.00 0.15 0.0000 0.0059 A2 0.85 0.75 0.95 0.0335 0.0295 0.0374 b 0.22 0.40 0.0087 0.0157 c 0.08 0.23 0.0031 0.0091 D 3.00 2.8 3.20 0.1181 0.1102 0.126 E 4.90 4.65 5.15 0.1929 0.1831 0.2028 E1 3.00 2.80 3.10 0.1181 0.1102 0.122 e 0.65 0.0256 L 0.60 0.40 0.80 0.0236 0.0157 0.0315 L1 0.95 0.0374 L2 0.25 0.0098 k 0°8° 0°8° ccc 0.10 0.0039 E3_ME 1 8 ccc c L E E1 D A2 A k e b 4 5 A1 L1 L2 |