| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STCF03I Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCF03I Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 33 page ![]() Introduction STCF03I 14/33 7.2.4 ADD pin With this pin it is possible to select one of the 4 possible I²C slave addresses. No internal pull-up nor pull-down is provided. The pin has to be connected to either GND, VI, SCL or SDA to select the desired I²C slave address (see Table 7) When ADD is connected to GND the I²C address is assigned automatically while in the other three configurations in which ADD pin is connected to VBAT or SDA or SCL, the following procedure must be activated in order that the right address is assigned. After applying VBAT to the chip, the VBAT voltage must be pulled down to GND for a time longer than 100 ms. After that time the right I²C address is assigned to the chip. This procedure must be repeated every time the VBAT voltage is disconnected (see Figure 4 below). 7.2.5 TMSK pin This pin can be used to implement the TX masking function. This function has effect only for flash current settings higher than 200 mA (bit FDIM_3=1). Under this condition, when this pin is pulled high by the µP, the current flowing in the LED is forced at 200 mA typ. No internal pull-up nor pull-down is provided; to be externally wired to GND if TX masking function is not used. Table 7. Address table ADD pin A7 A6 A5 A4 A3 A2 A1 A0 GND 011000 0 R/W VBAT 011000 1 R/W SDAL 011001 0 R/W SCL 011001 1 R/W Figure 4. Procedure for assigning a non-default I²C address SDA LINE A C K M S B L S B R / W A C K A C K A C K S T O P M S B M S B L S B L S B DEVICE ADDRESS 7 bits W R I T E ADDRESS OF REGISTER DATA …. SCL LINE S T A R T VBAT 100ms Address is assigned. The new I²C address can be used for SCL and SDA SDA LINE A C K M S B L S B R / W A C K A C K A C K S T O P M S B M S B L S B L S B DEVICE ADDRESS 7 bits W R I T E ADDRESS OF REGISTER DATA …. SCL LINE S T A R T VBAT 100ms Address is assigned. The new I²C address can be used for SCL and SDA |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |