| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M24C32FMB5TP Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C32FMB5TP Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 39 page ![]() September 2008 Rev 15 1/39 1 M24128 M24C64 M24C32 128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM Features ■ Two-wire I2C serial interface supports 400 kHz protocol ■ Single supply voltages (see Table 1 for root part numbers): – 2.5 V to 5.5 V – 1.8 V to 5.5 V – 1.7 V to 5.5 V ■ Write Control input ■ Byte and Page Write ■ Random and Sequential Read modes ■ Self-timed programming cycle ■ Automatic address incrementing ■ Enhanced ESD/latch-up protection ■ More than 1 Million write cycles ■ More than 40-year data retention ■ Packages –ECOPACK® (RoHS compliant) Table 1. Device summary Reference Part number Supply voltage M24128 M24128-BW 2.5 V to 5.5V M24128-BR 1.8 V to 5.5V M24128-BF 1.7 V to 5.5V M24C64 M24C64-W 2.5 V to 5.5V M24C64-R 1.8 V to 5.5V M24C64-F 1.7 V to 5.5V M24C32 M24C32-W 2.5 V to 5.5V M24C32-R 1.8 V to 5.5V M24C32-F 1.7 V to 5.5V PDIP8 (BN) SO8 (MN) 150 mil width TSSOP8 (DW) 169 mil width UFDFPN8 (MB) 2 × 3 mm (MLP) WLCSP (CS) www.st.com |
Número de pieza similar - M24C32FMB5TP |
|
Descripción similar - M24C32FMB5TP |