| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M24C32FMB6P Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C32FMB6P Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 39 page ![]() DC and AC parameters M24128, M24C64, M24C32 24/39 Table 14. DC characteristics (M24xxx-W, device grade 3) Symbol Parameter Test condition (in addition to those in Table 8) Min. Max. Unit ILI Input leakage current (SCL, SDA, E2, E1, E0) VIN = VSS or VCC device in Standby mode ± 2 µA ILO Output leakage current SDA in Hi-Z, external voltage applied on SDA: VSS or VCC ± 2 µA ICC Supply current (Read) 2.5 V < VCC < 5.5 V, fc = 400 kHz 2 mA ICC0 Supply current (Write) During tW, 2.5 V < VCC < 5.5 V 5(1) 1. Characterized value, not tested in production. mA ICC1 Standby supply current VIN = VSS or VCC, 2.5 V < VCC < 5.5 V 10 µA VIL Input low voltage (SDA, SCL, WC) –0.45 0.3VCC V VIH Input high voltage (SDA, SCL, WC) 0.7VCC VCC+0.6 V VOL Output low voltage IOL = 2.1 mA, VCC = 2.5 V or IOL = 3 mA, VCC = 5.5 V 0.4 V Table 15. DC characteristics (M24xxx-R - device grade 6) Symbol Parameter Test condition (in addition to those in Table 9) Min. Max. Unit ILI Input leakage current (SCL, SDA, E2, E1, E0) VIN = VSS or VCC device in Standby mode ± 2 µA ILO Output leakage current SDA Hi-Z, external voltage applied on SDA: VSS or VCC ± 2 µA ICC Supply current (Read) VCC = 1.8 V, fc = 400 kHz 0.8 mA ICC0 Supply current (Write) During tW, 1.8 V < VCC < 2.5 V 3(1) 1. Characterized value, not tested in production. mA ICC1 Standby supply current VIN = VSS or VCC, 1.8 V < VCC < 2.5 V 1µA VIL Input low voltage (SDA, SCL, WC) 1.8 V ≤VCC < 2.5 V –0.45 0.25 VCC V 2.5 V ≤VCC < 5.5 V –0.45 0.3 VCC V VIH Input high voltage (SDA, SCL, WC) 1.8 V ≤VCC < 2.5 V 0.75VCC VCC+1 V 2.5 V ≤VCC < 5.5 V 0.7VCC VCC+1 V VOL Output low voltage IOL = 1 mA, VCC = 1.8 V 0.2 V |