Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PAM2301CAAB250 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

No. de pieza PAM2301CAAB250
Descripción Electrónicos  800mA Step-Down DC-DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PAM [Power Analog Micoelectronics]
Página de inicio  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2301CAAB250 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2301CAAB250 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2301CAAB250 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2301CAAB250 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2301CAAB250 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2301CAAB250 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2301CAAB250 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2301CAAB250 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2301CAAB250 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2301CAAB250 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Block Diagram
2
Pin Configuration& Marking Information
Top View
SOT23 5
-
BA VYW
123
54
BA: Product Code of PAM2301
V:
Output Voltage
Y:
Year
W: Week
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2301
800mA Step-Down DC-DC Converters
Pin Number
Name
Function
1EN
Enable control input. Force this pin voltage above 1.5V, enables the chip, and
below 0.3V shuts down the device.
2
GND
Ground
3
SW
The drains of the internal main and synchronous pow er MOSFET.
4
VIN
Chip main power supply pin
5VOUT/FB
VOUT: Output voltage feedback pin, an internal resistive divider divides the
output voltage down for comparison to the internal reference voltage.
FB: Feedback voltage to internal error amplifier, the threshold voltage is 0.6V.
09/2008 Rev 1.3
VOUT/FB
GND
SW
EN
VIN
EN
R1
R2
FB
PWM
COMP
+
-
IAMP
+
-
IRCMP
SW
GND
SYNCHRONOUS
RECTIFIER NCH
()
MAIN
SWITCH PCH
()
VIN
COMP
VIN
SHUTDOWN
OSC
RS LATCH
0.6VREF
FREQ
SHIFT
-
+
EA
SQ
RQ
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
SLOPE
COMP
1.5M
OSC
ANTI
SHOOT
THRU
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com