Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6204A592ML Datasheet(PDF) 15 Page - Torex Semiconductor

No. de pieza XC6204A592ML
Descripción Electrónicos  High Speed LDO Regulators Output ON-OFF Control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A592ML Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6204A592ML Datasheet HTML 11Page - Torex Semiconductor XC6204A592ML Datasheet HTML 12Page - Torex Semiconductor XC6204A592ML Datasheet HTML 13Page - Torex Semiconductor XC6204A592ML Datasheet HTML 14Page - Torex Semiconductor XC6204A592ML Datasheet HTML 15Page - Torex Semiconductor XC6204A592ML Datasheet HTML 16Page - Torex Semiconductor XC6204A592ML Datasheet HTML 17Page - Torex Semiconductor XC6204A592ML Datasheet HTML 18Page - Torex Semiconductor XC6204A592ML Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
15/49
XC6204/XC6205
Series
SYMBOL
E-0
SYMBOL
E-0
OUTPUT VOLTAGE
(V)
(1% products)
OUTPUT VOLTAGE
(V)
(1% products)
VOUT
VOUT
VOUT (T)
MIN.
MAX.
VOUT (T)
MIN.
MAX.
2.95
2.921
2.980
4.55
4.505
4.596
3.00
2.970
3.030
4.60
4.554
4.646
3.05
3.020
3.081
4.65
4.604
4.697
3.10
3.069
3.131
4.70
4.653
4.747
3.15
3.119
3.182
4.75
4.703
4.798
3.20
3.168
3.232
4.80
4.752
4.848
3.25
3.218
3.283
4.85
4.802
4.899
3.30
3.267
3.333
4.90
4.851
4.949
3.35
3.317
3.384
4.95
4.901
5.000
3.40
3.366
3.434
5.00
4.950
5.050
3.45
3.416
3.485
5.05
5.000
5.101
3.50
3.465
3.535
5.10
5.049
5.151
3.55
3.515
3.586
5.15
5.099
5.202
3.60
3.564
3.636
5.20
5.148
5.252
3.65
3.614
3.687
5.25
5.198
5.303
3.70
3.663
3.737
5.30
5.247
5.353
3.75
3.713
3.788
5.35
5.297
5.404
3.80
3.762
3.838
5.40
5.346
5.454
3.85
3.812
3.889
5.45
5.396
5.505
3.90
3.861
3.939
5.50
5.445
5.555
3.95
3.911
3.990
5.55
5.495
5.606
4.00
3.960
4.040
5.60
5.544
5.656
4.05
4.010
4.091
5.65
5.594
5.707
4.10
4.059
4.141
5.70
5.643
5.757
4.15
4.109
4.192
5.75
5.693
5.808
4.20
4.158
4.242
5.80
5.742
5.858
4.25
4.208
4.293
5.85
5.792
5.909
4.30
4.257
4.343
5.90
5.841
5.959
4.35
4.307
4.394
5.95
5.891
6.010
4.40
4.356
4.444
6.00
5.940
6.060
4.45
4.405
4.494
4.50
4.455
4.545
■ELECTRICAL CHARACTERISTICS (Continued)
●Voltage Chart (Continued)
XC6204 series, 1% products
Note:±1% output voltage accuracy products are available for the XC6204E~H series from VOUT=2.95V.
PARAMETER
SETTING
OUTPUT VOLTAGE (V)
PARAMETER
SETTING
OUTPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com