Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PAM2306EN2YPAC Datasheet(PDF) 13 Page - Power Analog Micoelectronics

No. de pieza PAM2306EN2YPAC
Descripción Electrónicos  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PAM [Power Analog Micoelectronics]
Página de inicio  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306EN2YPAC Datasheet(HTML) 13 Page - Power Analog Micoelectronics

Back Button PAM2306EN2YPAC Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306EN2YPAC Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306EN2YPAC Datasheet HTML 9Page - Power Analog Micoelectronics PAM2306EN2YPAC Datasheet HTML 10Page - Power Analog Micoelectronics PAM2306EN2YPAC Datasheet HTML 11Page - Power Analog Micoelectronics PAM2306EN2YPAC Datasheet HTML 12Page - Power Analog Micoelectronics PAM2306EN2YPAC Datasheet HTML 13Page - Power Analog Micoelectronics PAM2306EN2YPAC Datasheet HTML 14Page - Power Analog Micoelectronics PAM2306EN2YPAC Datasheet HTML 15Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PCB Layout Check List
When laying out the printed circuit board, the following checklist should be used to ensure proper
operation of the PAM2306. These items are also illustrated graphically in Figure 1. Check the following in
your layout:
1.
The power traces, consisting of the GND trace, the SW trace and the VIN trace should be kept short,
direct and wide.
2.
Does the FB pin connect directly to the feedback resistors? The resistive divider R1/R2 must be con-
nected between the (+) plate of C
and ground.
3.
Does the (+) plate of CIN connect to VIN as closely as possible? This capacitor provides the AC
current to the internal power MOSFETs.
4.
Keep the switching node, SW, away from the sensitive FB node.
5.
Keep the (–) plates of C and C
as close as possible.
Top
Bottom
OUT
IN
OUT
Figure 1 :PAM2306 Suggested Layout
13
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2306
Dual High-Efficiency PWM Step-Down DC-DC Coverter
07/2008 Rev 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15