| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M38B73F2 Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38B73F2 Datasheet(HTML) 7 Page - Renesas Technology Corp |
|
7 / 110 page ![]() 38B7 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 6 Fig. 3 Part numbering M38B7 9 M F H - AXXX FP Product Package type FP : 100P6S-A package ROM number Omitted in Flash memory version ROM/Flash memory size 1 2 3 4 5 6 7 8 9 A B C D E F : 4096 bytes : 8192 bytes : 12288 bytes : 16384 bytes : 20480 bytes : 24576 bytes : 28672 bytes : 32768 bytes : 36864 bytes : 40960 bytes : 45056 bytes : 49152 bytes : 53248 bytes : 57344 bytes : 61440 bytes The first 128 bytes and the last 2 bytes of ROM are reserved areas ; they cannot be used for users. Memory type M F : Mask ROM version : Flash memory version RAM size 0 1 2 3 4 5 6 7 8 9 : 192 bytes : 256 bytes : 384 bytes : 512 bytes : 640 bytes : 768 bytes : 896 bytes : 1024 bytes : 1536 bytes : 2048 bytes |