Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M37540RSS Datasheet(PDF) 13 Page - Renesas Technology Corp

No. de pieza M37540RSS
Descripción Electrónicos  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37540RSS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M37540RSS Datasheet HTML 9Page - Renesas Technology Corp M37540RSS Datasheet HTML 10Page - Renesas Technology Corp M37540RSS Datasheet HTML 11Page - Renesas Technology Corp M37540RSS Datasheet HTML 12Page - Renesas Technology Corp M37540RSS Datasheet HTML 13Page - Renesas Technology Corp M37540RSS Datasheet HTML 14Page - Renesas Technology Corp M37540RSS Datasheet HTML 15Page - Renesas Technology Corp M37540RSS Datasheet HTML 16Page - Renesas Technology Corp M37540RSS Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
7540 Group
Rev.4.00
Jun 21, 2004
page 13 of 82
REJ03B0011-0400Z
[CPU mode register] CPUM
The CPU mode register contains the stack page selection bit.
This register is allocated at address 003B16.
Switching method of CPU mode register
Switch the CPU mode register (CPUM) at the head of program af-
ter releasing Reset in the following method.
Fig. 12 Switching method of CPU mode register
Fig. 11 Structure of CPU mode register
Oscillation mode selection bit (Note 1)
0 : Ceramic oscillation
1 : RC oscillation
CPU mode register
(CPUM: address 003B16, initial value: 8016)
Stack page selection bit
0 : 0 page
1 : 1 page
Clock division ratio selection bits
b7 b6
0
0 : f(
φ) = f(XIN)/2 (High-speed mode)
0
1 : f(
φ) = f(XIN)/8 (Middle-speed mode)
1
0 : applied from on-cihp oscillator
1
1 : f(
φ) = f(XIN) (Double-speed mode)(Note 2)
On-chip oscillator oscillation control bit
0 : On-chip oscillator oscillation enabled
1 : On-chip oscillator oscillation stop
XIN oscillation control bit
0 : Ceramic or RC oscillation enabled
1 : Ceramic or RC oscillation stop
Processor mode bits (Note 1)
b1 b0
0
0 Single-chip mode
0
1
1
0
1
1
Not available
b7
b0
2: These bits are used only when a ceramic oscillation is selected.
Note 1: The bit can be rewritten only once after releasing reset. After rewriting
it is disable to write any data to the bit. However, by reset the bit is
initialized and can be rewritten, again.
(It is not disable to write any data to the bit for emulator MCU
“M37540RSS”.)
Do not use these when an RC oscillation is selected.
After releasing reset
Switch the oscillation mode
selection bit (bit 5 of CPUM)
Switch the clock division ratio
selection bits (bits 6 and 7 of CPUM)
Main routine
Start with an on-chip oscillator
An initial value is set as a ceramic
oscillation mode. When it is switched to an
RC oscillation, its oscillation starts.
Select 1/1, 1/2, 1/8 or on-chip oscillator.
Wait by on-chip oscillator operation
until establishment of oscillator clock
When using a ceramic oscillation, wait until
establlishment of oscillation from oscillation starts.
When using an RC oscillation, wait time is not required
basically (time to execute the instruction to switch from
an on-chip oscillator meets the requirement).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com