Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M30201F6SP Datasheet(PDF) 7 Page - Renesas Technology Corp

No. de pieza M30201F6SP
Descripción Electrónicos  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201F6SP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M30201F6SP Datasheet HTML 3Page - Renesas Technology Corp M30201F6SP Datasheet HTML 4Page - Renesas Technology Corp M30201F6SP Datasheet HTML 5Page - Renesas Technology Corp M30201F6SP Datasheet HTML 6Page - Renesas Technology Corp M30201F6SP Datasheet HTML 7Page - Renesas Technology Corp M30201F6SP Datasheet HTML 8Page - Renesas Technology Corp M30201F6SP Datasheet HTML 9Page - Renesas Technology Corp M30201F6SP Datasheet HTML 10Page - Renesas Technology Corp M30201F6SP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 172 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
6
Mitsubishi plans to release the following products in the M30201 group:
(1) Support for mask ROM version and flash memory version
(2) ROM capacity
(3) Package
52P4B
: Plastic molded SDIP (mask ROM version and flash memory version)
56P6S-A
: Plastic molded QFP (mask ROM version and flash memory version)
RAM Size
(Byte)
1K
16K
32K
M30201M4-XXXSP/FP
M30201M4T-XXXFP
512
ROM Size
(Byte)
2K
M30201F6SP/FP
M30201F6TFP
M30201M6-XXXFP
M30201M6T-XXXFP
48K
Figure 1.4. ROM expansion
Apr. 2001
Package type:
SP : Package
52P4B
FP : Package
56P6S-A
ROM No.
Omitted for flash memory version
Shows difference of characteristics
and usage etc:
Nothing : Common
T
: Automobiles
Memory type:
M : Mask ROM version
F : Flash memory version
Type No.
M 3 0 2 0 1 M 4 T – X X X S P
M30201 Group
M16C Family
Shows pin count, etc
(The value itself has no specific meaning)
ROM capacity:
4 : 32K bytes
6 : 48K bytes
Figure 1.5. Type No., memory size, and package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com