Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M30201F6FP Datasheet(PDF) 9 Page - Renesas Technology Corp

No. de pieza M30201F6FP
Descripción Electrónicos  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201F6FP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M30201F6FP Datasheet HTML 5Page - Renesas Technology Corp M30201F6FP Datasheet HTML 6Page - Renesas Technology Corp M30201F6FP Datasheet HTML 7Page - Renesas Technology Corp M30201F6FP Datasheet HTML 8Page - Renesas Technology Corp M30201F6FP Datasheet HTML 9Page - Renesas Technology Corp M30201F6FP Datasheet HTML 10Page - Renesas Technology Corp M30201F6FP Datasheet HTML 11Page - Renesas Technology Corp M30201F6FP Datasheet HTML 12Page - Renesas Technology Corp M30201F6FP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 172 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Memory
8
Operation of Functional Blocks
The M30201 accommodates certain units in a single chip. These units include ROM and RAM to store
instructions and data and the central processing unit (CPU) to execute arithmetic/logic operations. Also
included are peripheral units such as timers, serial I/O, A-D converter, and I/O ports.
The following explains each unit.
Memory
Figure 1.6 is a memory map of the M30201. The address space extends the 1M bytes from address
0000016 to FFFFF16. From FFFFF16 down is ROM. For example, in the M30201M4-XXXSP, there is 32K
bytes of internal ROM from F800016 to FFFFF16. The vector table for fixed interrupts such as the reset are
mapped to FFFDC16 to FFFFF16. The starting address of the interrupt routine is stored here. The address
of the vector table for timer interrupts, etc., can be set as desired using the internal register (INTB). See the
section on interrupts for details.
From 0040016 up is RAM. For example, in the M30201M4-XXXSP, there is 1K byte of internal RAM from
0040016 to 007FF16. In addition to storing data, the RAM also stores the stack used when calling subrou-
tines and when interrupts are generated.
The SFR area is mapped to 0000016 to 003FF16. This area accommodates the control registers for periph-
eral devices such as I/O ports, A-D converter, serial I/O, and timers, etc. Any part of the SFR area that is not
occupied is reserved and cannot be used for other purposes.
The special page vector table is mapped to FFE0016 to FFFDB16. If the starting addresses of subroutines
or the destination addresses of jumps are stored here, subroutine call instructions and jump instructions
can be used as 2-byte instructions, reducing the number of program steps.
Figure 1.6. Memory map
0000016
YYYYY16
FFFFF16
0040016
XXXXX16
Internal ROM area
SFR area
For details, see
Figures 1.7 to 1.8
Internal RAM area
FFE0016
FFFDC16
FFFFF16
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer
Reset
Special page
vector table
DBC
Address
YYYYY16
007FF16
1K bytes
RAM size
00BFF16
Address
XXXXX16
F800016
32K bytes
ROM size
F400016
48K bytes
2K bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com