Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD74HC257 Datasheet(PDF) 1 Page - Renesas Technology Corp

No. de pieza HD74HC257
Descripción Electrónicos  Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC257 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC257 Datasheet HTML 1Page - Renesas Technology Corp HD74HC257 Datasheet HTML 2Page - Renesas Technology Corp HD74HC257 Datasheet HTML 3Page - Renesas Technology Corp HD74HC257 Datasheet HTML 4Page - Renesas Technology Corp HD74HC257 Datasheet HTML 5Page - Renesas Technology Corp HD74HC257 Datasheet HTML 6Page - Renesas Technology Corp HD74HC257 Datasheet HTML 7Page - Renesas Technology Corp HD74HC257 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00 Jan 31, 2006 page 1 of 7
HD74HC257
Quad. 2-to-1-line Data Selectors/Multiplexers
(with noninverted 3-state outputs)
REJ03D0601–0200
(Previous ADE-205-478)
Rev.2.00
Jan 31, 2006
Description
The large output drive capability coupled with the 3-state feature make this device ideal for interfacing with bus lines in
a bus organized system. When the output control input line is taken high, the outputs of all four multiplexers are sent
into a high impedance state. When the output control line is low, the select input chooses whether the A or B input is
used.
Features
• High Speed Operation: t
pd (Data to Y) = 10.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC257P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
HD74HC257FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74HC257RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Output
Output Control
Select
A
B
Y
L
L
L
X
L
L
L
H
X
H
L
H
X
L
L
L
H
X
H
H
H
X
X
X
High impedance
Notes H: high level, L: low level, X: irrelevant


Número de pieza similar - HD74HC257

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD74HC257 HITACHI-HD74HC257 Datasheet
52Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
More results

Descripción similar - HD74HC257

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC257 HITACHI-HD74HC257 Datasheet
52Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
HD74HC258 HITACHI-HD74HC258 Datasheet
55Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with 3-state outputs)
HD74LS157 HITACHI-HD74LS157 Datasheet
59Kb / 6P
Quadruple 2-line-to-1-line Data Selectors/Multiplexers(noninverted outputs)
HD74LV157A HITACHI-HD74LV157A Datasheet
62Kb / 14P
Quad. 2-to-1 line Data Selectors / Multiplexers(Noninverted Outputs)
logo
Renesas Technology Corp
HD74LV157A RENESAS-HD74LV157A Datasheet
77Kb / 9P
Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
HD74LS157 RENESAS-HD74LS157 Datasheet
73Kb / 7P
Quadruple 2-line-to-1-line Data Selectors / Multiplexers (noninverted outputs)
HD74HC157 RENESAS-HD74HC157 Datasheet
73Kb / 10P
Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted outputs)
HD74HC258 RENESAS-HD74HC258 Datasheet
108Kb / 8P
Quad. 2-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
HD74LV157A RENESAS-HD74LV157A_15 Datasheet
101Kb / 11P
Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com