| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 508 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 508 Page - Renesas Technology Corp |
|
508 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 456 of 1102 REJ09B0294-0100 (4) P62/TMO2/SCK4/ DACK2/IRQ10-B/TRST The pin function is switched as shown below according to the combination of the DMAC, TMR, and SCI register settings and P62DDR bit setting. Setting DMAC TMR SCI I/O Port Module Name Pin Function DACK2_OE TMO2_OE SCK4_OE P62DDR DMAC DACK2 output 1 TMR TMO2 output 0 1 SCI SCK4 output 0 0 1 P62 output 0 0 0 1 I/O port P62 input (initial setting) 0 0 0 0 (5) P61/TMCI2/RxD4/ TEND2/IRQ9-B The pin function is switched as shown below according to the combination of the DMAC register setting and P61DDR bit setting. Setting DMAC I/O Port Module Name Pin Function TEND2_OE P61DDR DMAC TEND2 output 1 I/O port P61 output 0 1 P61 input (initial setting) 0 0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |