| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 505 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 505 Page - Renesas Technology Corp |
|
505 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 453 of 1102 REJ09B0294-0100 (7) P31/PO9/TIOCA0/TIOCB0/ TEND0-B The pin function is switched as shown below according to the combination of the DMAC, TPU, and PPG register settings and P31DDR bit setting. Setting DMAC TPU PPG I/O Port Module Name Pin Function TEND0B_OE TIOCB0_OE PO9_OE P31DDR DMAC TEND0-B output 1 TPU TIOCB0 output 0 1 PPG PO9 output 0 0 1 P31 output 0 0 0 1 I/O port P31 input (initial setting) 0 0 0 0 (8) P30/PO8/TIOCA0/ DREQ0-B The pin function is switched as shown below according to the combination of the TPU and PPG register settings and P33DDR bit setting. Setting TPU PPG I/O Port Module Name Pin Function TIOCA0_OE PO8_OE P30DDR TPU TIOCA0 output 1 PPG PO8 output 0 1 P30 output 0 0 1 I/O port P30 input (initial setting) 0 0 0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |